Electronic Components Datasheet Search
  English  ▼

X  

AD1856 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1856
Description  16-Bit PCM Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1856 Datasheet(HTML) 3 Page - Analog Devices

  AD1856 Datasheet HTML 1Page - Analog Devices AD1856 Datasheet HTML 2Page - Analog Devices AD1856 Datasheet HTML 3Page - Analog Devices AD1856 Datasheet HTML 4Page - Analog Devices AD1856 Datasheet HTML 5Page - Analog Devices AD1856 Datasheet HTML 6Page - Analog Devices AD1856 Datasheet HTML 7Page - Analog Devices AD1856 Datasheet HTML 8Page - Analog Devices AD1856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD1856
Rev. C | Page 3 of 16
SPECIFICATIONS
Typical values at TA = 25°C, VL = ±5 V, and VS = ±5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION1
16
Bits
DIGITAL INPUTS
Input Voltage High, VIH
2.4
+VL
V
Input Voltage Low, VIL
0
0.8
V
Input Current High, IIH1
VIH = +VL
1.0
µA
Input Current Low, IIL1
VIL = 0.4 V
−10
µA
Clock Input Frequency1
10
MHz
ACCURACY
Gain Error
±2.0
%
Bipolar Zero Error
±30
mV
Differential Linearity Error
±0.001
% of FSR
Noise at Bipolar Zero
RMS, 20 Hz to 20 kHz
6
µV
TOTAL HARMONIC DISTORTION
990.5 Hz
0 dB
AD1856RZ-K
0.002
0.00251
%
AD1856RZ
0.002
0.0081
%
−20 dB
AD1856RZ-K
0.018
0.0201
%
AD1856RZ
0.018
0.0401
%
−60 dB
AD1856RZ-K
1.8
2.01
%
AD1856RZ
1.8
4.01
%
MONOTONICITY
15
Bits
DRIFT
0°C to 70°C
Total Drift
±25
ppm of FSR/°C
Bipolar Zero Drift
±4
ppm of FSR/°C
SETTLING TIME
To ±0.006% of FSR
Voltage Output
6 V step
1.5
µs
1 LSB step
1.0
µs
Slew Rate
9
V/µs
Current Output
1 mA step, 10 Ω to 100 Ω load
350
ns
1 kΩ load
350
ns
WARM-UP TIME
1
Minute
OUTPUT
Voltage Output Configuration
Bipolar Range
±3
V
Output Current
±8
mA
Output Impedance
0.1
Ω
Short-Circuit Duration
Indefinite to ground
Current Output Configuration
Bipolar Range (±30%)
±1.0
mA
Output Impedance (±30%)
1.7
kΩ
POWER SUPPLY
Voltage, +VL and +VS
+VS ≥ +VL for operation
4.75
5
13.2
V
Voltage, −VL and −VS
−VL ≥ −VS for operation
−13.2
−5
−4.75
V
Current, +I
+VL and +VS = 5 V, 10 MHz clock
10
151
mA
+VL and +VS = 12 V, 10 MHz clock
12
mA
Current, −I
−VL and −VS = −5 V, 10 MHz clock
−12
−151
mA
−VL and −VS = −12 V, 10 MHz clock
−15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com