Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1852EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD1852EBZ
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1852EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD1852EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1852
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DGND 1
MCLK 2
CLATCH 3
CCLK 4
DVDD
28
SDATA
27
BCLK
26
LRCLK
25
CDATA 5
NC 6
192/48 7
RESET
24
MUTE
23
ZEROL
22
ZEROR 8
IDPM0
21
DEEMP 9
IDPM1
20
96/48 10
FILTB
19
AGND 11
AVDD
18
OUTR+ 12
OUTL+
17
OUTR– 13
OUTL–
16
FILTER 14
AGND
15
TOP VIEW
(Not to Scale)
AD1852
Figure 2. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Input/Output
Description
1
DGND
I
Digital Ground.
2
MCLK
I
Master Clock Input. Connect to an external clock source running at either 256 fS, 384 fS, 512 fS,
768 fS, or 1024 fS.
3
CLATCH
I
Latch Input for SPI Control Data Port. This input is rising-edge sensitive.
4
CCLK
I
SPI Control Clock Input for Control Data. Control input data must be valid on the rising edge of
CCLK. CCLK may be continuous or gated.
5
CDATA
I
SPI Control Data Input, MSB First. SPI data port for controlling AD1852 functions as described in
the SPI Register Definitions section.
6
NC
No Connect.
7
192/48
I
192 kHz/48 kHz Hardware Sample Rate Selection. When it is asserted high, this pin selects 192 kHz.
When it is asserted low, this pin selects 48 kHz. It is OR’d with Bit 11 of the control register.
8
ZEROR
O
Right Channel Zero Flag Output. This pin goes high when the right channel has no signal input
for more than 1024 LR clock cycles.
9
DEEMP
I
De-Emphasis. Digital de-emphasis is enabled when this input signal is high. This is used to
impose a 50 μs/15 μs response characteristic on the output audio spectrum at an assumed
44.1 kHz sample rate. Curves for 32 kHz and 48 kHz sample rates may be selected via the SPI
control register.
10
96/48
I
96 kHz/48 kHz Hardware Sample Rate Selection. When it is asserted high, this pin selects 96 kHz.
When it is asserted low, this pin selects 48 kHz. It is OR’d with Bit 10 of the control register.
11, 15
AGND
I
Analog Ground.
12
OUTR+
O
Right Channel Positive Line Level Analog Output.
13
OUTR−
O
Right Channel Negative Line Level Analog Output.
14
FILTR
O
Voltage Reference Filter Capacitor Connection. Bypass and decouple the voltage reference
with parallel 10 μF and 0.1 μF capacitors to the AGND.
16
OUTL−
O
Left Channel Negative Line Level Analog Output.
17
OUTL+
O
Left Channel Positive Line Level Analog Output.
18
AVDD
I
Analog Power Supply. Connect this pin to the analog 5 V supply.
19
FILTB
Filter Capacitor Connection. Connect 10 μF||10 nF capacitor to AGND (Pin 15).
20
IDPM1
I
Input Serial Data Port Mode Control One. With IDPM0, defines 1 of 4 serial modes.
21
IDPM0
I
Input Serial Data Port Mode Control Zero. With IDPM1, defines 1 of 4 serial modes.
22
ZEROL
O
Left Channel Zero Flag Output. This pin goes high when the left channel has no signal input
for more than 1024 LR clock cycles.
23
MUTE
I
Mute. Assert this pin high to mute both stereo analog outputs. De-assert low for normal operation.
24
RESET
I
Reset. The AD1852 is reset on the rising edge of this signal. The serial control port registers are
reset to the default values. For normal operation, assert this pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com