Electronic Components Datasheet Search
  English  ▼

X  

AD534 Datasheet(PDF) 10 Page - Analog Devices

Part # AD534
Description  Internally Trimmed Precision IC Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD534 Datasheet HTML 6Page - Analog Devices AD534 Datasheet HTML 7Page - Analog Devices AD534 Datasheet HTML 8Page - Analog Devices AD534 Datasheet HTML 9Page - Analog Devices AD534 Datasheet HTML 10Page - Analog Devices AD534 Datasheet HTML 11Page - Analog Devices AD534 Datasheet HTML 12Page - Analog Devices AD534 Datasheet HTML 13Page - Analog Devices AD534 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD534
Data Sheet
Rev. D | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Typical at 25°C, with ±VS = ±15 V dc, unless otherwise noted.
14
12
10
8
6
4
8
10
12
1416
1820
POSITIVE OR NEGATIVE SUPPLY (V)
OUTPUT, RL ≥ 2kΩ
ALL INPUTS, SF = 10V
Figure 7. Input/Output Signal Range vs. Supply Voltages
800
700
600
500
400
300
200
100
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
Figure 8. Bias Current vs. Temperature (X, Y, or Z Input)
90
80
70
60
50
30
20
10
FREQUENCY (Hz)
40
0
100
1k
10k
100k
1M
TYPICAL FOR
ALL INPUTS
Figure 9. Common-Mode Rejection Ratio vs. Frequency
100
10
1
FREQUENCY (Hz)
0.1
Y-FEEDTHROUGH
X-FEEDTHROUGH
1000
10
100
1k
10k
100k
1M
10M
Figure 10. AC Feedthrough vs. Frequency
1.5
1
0.5
FREQUENCY (Hz)
0
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
10
100
1k
10k
100k
Figure 11. Noise Spectral Density vs. Frequency
100
90
80
70
60
50
2.5
5.0
7.5
10.0
SCALING VOLTAGE, SF (V)
CONDITIONS:
10Hz TO 10kHz BANDWIDTH
Figure 12. Wideband Noise vs. Scaling Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com