Electronic Components Datasheet Search
  English  ▼

X  

AD8014ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8014ARZ
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ARZ Datasheet(HTML) 2 Page - Analog Devices

  AD8014ARZ Datasheet HTML 1Page - Analog Devices AD8014ARZ Datasheet HTML 2Page - Analog Devices AD8014ARZ Datasheet HTML 3Page - Analog Devices AD8014ARZ Datasheet HTML 4Page - Analog Devices AD8014ARZ Datasheet HTML 5Page - Analog Devices AD8014ARZ Datasheet HTML 6Page - Analog Devices AD8014ARZ Datasheet HTML 7Page - Analog Devices AD8014ARZ Datasheet HTML 8Page - Analog Devices AD8014ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
AD8014–SPECIFICATIONS
AD8014AR/RT
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth Small Signal
G = +1, VO = 0.2 V p-p, RL = 1 kΩ
400
480
MHz
G = –1, VO = 0.2 V p-p, RL = 1 kΩ
120
160
MHz
–3 dB Bandwidth Large Signal
VO = 2 V p-p
140
180
MHz
VO = 2 V p-p, RF = 500 Ω
170
210
MHz
VO = 2 V p-p, RF = 500 Ω, RL = 50 Ω
130
MHz
0.1 dB Small Signal Bandwidth
VO = 0.2 V p-p, RL = 1 kΩ
12
MHz
0.1 dB Large Signal Bandwidth
VO = 2 V p-p, RL = 1 kΩ
20
MHz
Slew Rate, 25% to 75%, VO = 4 V Step
RL = 1 kΩ, RF = 500 Ω
4600
V/
µs
RL = 1 kΩ
2800
V/
µs
G = –1, RL = 1 kΩ, RF = 500 Ω
4000
V/
µs
G = –1, RL = 1 kΩ
2500
V/
µs
Settling Time to 0.1%
G = +1, VO = 2 V Step, RL = 1 kΩ
24
ns
Rise and Fall Time 10% to 90%
2 V Step
1.6
ns
G = –1, 2 V Step
2.8
ns
Overload Recovery to Within 100 mV
0 V to
±4 V Step at Input
60
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 k
Ω
–68
dB
fC = 5 MHz, VO = 2 V p-p
–51
dB
fC = 20 MHz, VO = 2 V p-p
–45
dB
SFDR
fC = 20 MHz, VO = 2 V p-p
–48
dB
Input Voltage Noise
f = 10 kHz
3.5
nV/
√Hz
Input Current Noise
f = 10 kHz
5
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RF = 500
Ω
0.05
%
NTSC, G = +2, RF = 500
Ω, R
L = 50
Ω
0.46
%
Differential Phase Error
NTSC, G = +2, RF = 500
Ω
0.30
Degree
NTSC, G = +2, RF = 500
Ω, R
L = 50
Ω
0.60
Degree
Third Order Intercept
f = 10 MHz
22
dBm
DC PERFORMANCE
Input Offset Voltage
25
mV
TMIN–TMAX
26
mV
Input Offset Voltage Drift
10
µV/°C
Input Bias Current
+Input or –Input
5
15
µA
Input Bias Current Drift
50
nA/
°C
Input Offset Current
5
±µA
Open Loop Transresistance
800
1300
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
450
k
Ω
Input Capacitance
+Input
2.3
pF
Input Common-Mode Voltage Range
±3.8
±4.1
V
Common-Mode Rejection Ratio
VCM =
±2.5 V
–52
–57
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω± 3.4
±3.8
V
RL = 1 kΩ± 3.6
±4.0
V
Output Current
VO = ± 2.0 V
40
50
mA
Short Circuit Current
70
mA
Capacitive Load Drive for 30% Overshoot
2 V p-p, RL = 1 kΩ, RF = 500 Ω
40
pF
POWER SUPPLY
Operating Range
±2.25
±5
±6.0
V
Quiescent Current
1.15
1.3
mA
Power Supply Rejection Ratio
±4 V to ±6 V
–55
–58
dB
Specifications subject to change without notice.
(@ TA = +25 C, VS =
5 V, RL = 150
, RF = 1 k , Gain = +2, unless otherwise noted)
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com