Electronic Components Datasheet Search
  English  ▼

X  

AD8028ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8028ARMZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8028ARMZ Datasheet HTML 6Page - Analog Devices AD8028ARMZ Datasheet HTML 7Page - Analog Devices AD8028ARMZ Datasheet HTML 8Page - Analog Devices AD8028ARMZ Datasheet HTML 9Page - Analog Devices AD8028ARMZ Datasheet HTML 10Page - Analog Devices AD8028ARMZ Datasheet HTML 11Page - Analog Devices AD8028ARMZ Datasheet HTML 12Page - Analog Devices AD8028ARMZ Datasheet HTML 13Page - Analog Devices AD8028ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Data Sheet
AD8027/AD8028
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 10 of 27
Default conditions: VS = 5 V at TA = 25°C, RL = 1 kΩ, unless otherwise noted.
Figure 8. Small Signal Frequency Response for Various Gains
Figure 9. AD8027 Small Signal Frequency Response for Various Supplies
Figure 10. Large Signal Frequency Response for Various Supplies, G = +1
Figure 11. Small Signal Frequency Response for Various Supplies
Figure 12. AD8028 Small Signal Frequency Response for Various Supplies
Figure 13. Large Signal Frequency Response for Various Supplies, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com