Electronic Components Datasheet Search
  English  ▼

X  

LT1802 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1802
Description  High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1802 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1802 Datasheet HTML 2Page - Analog Devices LT1802 Datasheet HTML 3Page - Analog Devices LT1802 Datasheet HTML 4Page - Analog Devices LT1802 Datasheet HTML 5Page - Analog Devices LT1802 Datasheet HTML 6Page - Analog Devices LT1802 Datasheet HTML 7Page - Analog Devices LT1802 Datasheet HTML 8Page - Analog Devices LT1802 Datasheet HTML 9Page - Analog Devices LT1802 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6203X
6
6203xf
For more information www.linear.com/LT6203X
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
VCM = V+
VCM = V–
l
l
l
1.7
3.8
3.5
3.7
9.1
7.6
mV
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = Half Supply
l
7.5
24
µV/°C
Input Offset Voltage Match
(Channel-to-Channel) (Note 5)
VCM = 0V
VCM = V– to V+
l
l
0.3
0.6
1.2
3.0
mV
mV
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V– + 100mV
l
l
l
–7.3
–17.0
–1.4
1.8
–4.5
12.0
µA
µA
µA
∆IB
IB Shift
VCM = V– + 100mV to V+
l
5.4
25
µA
IB Match (Channel-to-Channel) (Note 5)
l
0.15
3.0
µA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V– + 100mV
l
l
l
0.15
0.3
0.5
1.1
2.8
2.8
µA
µA
µA
AVOL
Large Signal Gain
VO = ±4.5V, RL = 1k
VO = ±1.5V RL = 100
l
l
54
5.7
110
13
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
VCM = –2V to 2V
l
l
65
79
84
95
dB
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = –2V to 2V
l
80
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
60
70
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±1.5V to ±5V
l
70
100
dB
VOL
Output Voltage Swing LOW Saturation
(Note 7)
No Load
ISINK = 5mA
ISINK = 15mA
l
l
l
7
98
260
75
215
500
mV
mV
mV
VOH
Output Voltage Swing HIGH Saturation
(Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 15mA
l
l
l
70
130
360
200
270
640
mV
mV
mV
ISC
Short-Circuit Current
l
±15
±25
mA
IS
Supply Current per Amp
l
3.8
6.3
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
l
90
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
l
13
18
V/µs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P
l
1.4
1.9
MHz
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Inputs are protected by back-to-back diodes and diodes to each
supply. If the inputs are taken beyond the supplies or the differential input
voltage exceeds 0.7V, the input current must be limited to less than 40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6203X is guaranteed to meet specified performance from
–40°C to 175°C.
Note 5: Matching parameters are the difference between the two amplifiers
of the LT6203X. CMRR and PSRR match are defined as follows: CMRR
and PSRR are measured in µV/V on the identical amplifiers. The difference is
calculated between the matching sides in µV/V. The result is converted to dB.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 10: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1°. Ten
identical amplifier stages were cascaded giving an effective resolution of
0.01% and 0.01°.
The l denotes the specifications which apply over –40°C < TA < 175°C
temperature range. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com