Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1806
Description  High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1806 Datasheet(HTML) 2 Page - Analog Devices

  LT1806 Datasheet HTML 1Page - Analog Devices LT1806 Datasheet HTML 2Page - Analog Devices LT1806 Datasheet HTML 3Page - Analog Devices LT1806 Datasheet HTML 4Page - Analog Devices LT1806 Datasheet HTML 5Page - Analog Devices LT1806 Datasheet HTML 6Page - Analog Devices LT1806 Datasheet HTML 7Page - Analog Devices LT1806 Datasheet HTML 8Page - Analog Devices LT1806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6203X
2
6203xf
For more information www.linear.com/LT6203X
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–)..............................12.6V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration
(Note 3) ..........................................Thermally Limited
Operating Temperature Range (Note 4)
LT6203X ............................................ –40°C to 175°C
Junction Temperature ...........................................200°C
Storage Temperature Range ..................–65°C to 200°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
pin conFiguraTion
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
+
–
TJMAX = 200°C, θJA = 190°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT6203XS8#PBF
LT6203XS8#TRPBF
6203X
8-Lead Plastic SO
–40°C to 175°C
*The temperature grade is identified by a label on the shipping container
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(http://www.linear.com/product/LT6203X#orderinfo)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, 0V, VCM = Half Supply
0.1
0.5
mV
VS = 3V, 0V, VCM = Half Supply
0.6
1.5
mV
VS = 5V, 0V, VCM = V+ to V –
0.25
2.0
mV
VS = 3V, 0V, VCM = V+ to V –
1.0
3.5
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 5)
VCM = Half Supply
VCM = V– to V+
0.15
0.3
0.8
1.8
mV
mV
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V–
–7.0
–8.8
–1.3
1.3
–3.3
2.5
µA
µA
µA
∆IB
IB Shift
VCM = V– to V+
4.7
11.3
µA
IB Match (Channel-to-Channel) (Note 5)
0.1
0.6
µA
TA = 25°C, VS =5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply,
unless otherwise noted.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com