Electronic Components Datasheet Search
  English  ▼

X  

G2113 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # G2113
Description  CMOS Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G2113 Datasheet(HTML) 3 Page - GTM CORPORATION

  G2113 Datasheet HTML 1Page - GTM CORPORATION G2113 Datasheet HTML 2Page - GTM CORPORATION G2113 Datasheet HTML 3Page - GTM CORPORATION G2113 Datasheet HTML 4Page - GTM CORPORATION G2113 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2004/12/22
REVISED DATE :
Ordering Information ( contd.)
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
G2113-15
3P152
XX
1.5V
G2113-18
3P182
XX
1.8V
G2113-25
3P252
XX
2.5V
G2113-27
3P272
XX
2.7V
G2113-2H
3P2H2
XX
2.85V
G2113-28
3P282
XX
2.8V
G2113-29
3P292
XX
2.9V
G2113-30
3P302
XX
3.0V
G2113-31
3P312
XX
3.1V
G2113-33
3P332
XX
3.3V
G2113-34
3P342
XX
3.4V
G2113-35
3P352
XX
3.5V
G2113-36
3P362
XX
3.6V
G2113-37
3P372
XX
3.7V
G2113-38
3P382
XX
3.8V
Characteristics Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com