Electronic Components Datasheet Search
  English  ▼

X  

TDA8752H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8752H
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8752H Datasheet HTML 4Page - NXP Semiconductors TDA8752H Datasheet HTML 5Page - NXP Semiconductors TDA8752H Datasheet HTML 6Page - NXP Semiconductors TDA8752H Datasheet HTML 7Page - NXP Semiconductors TDA8752H Datasheet HTML 8Page - NXP Semiconductors TDA8752H Datasheet HTML 9Page - NXP Semiconductors TDA8752H Datasheet HTML 10Page - NXP Semiconductors TDA8752H Datasheet HTML 11Page - NXP Semiconductors TDA8752H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1999 Mar 09
8
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
TDO
36
scan test output
DIS
37
I2C and 3W disable control input (disable at HIGH level)
SEN
38
select enable for 3-wire serial bus input (see Fig.10)
SDA
39
I2C/3W serial data input
VDDD
40
logic I2C/3W digital power supply
VSSD
41
logic I2C/3W digital ground
SCL
42
I2C/3W serial clock input
n.c.
43
not connected
n.c.
44
not connected
ROR
45
red channel ADC output bit out of range
GOR
46
green channel ADC output bit out of range
BOR
47
blue channel ADC output bit out of range
OGNDB
48
blue channel ADC output ground
B0
49
blue channel ADC output bit 0 (LSB)
n.c.
50
not connected
n.c.
51
not connected
B1
52
blue channel ADC output bit 1
B2
53
blue channel ADC output bit 2
B3
54
blue channel ADC output bit 3
B4
55
blue channel ADC output bit 4
B5
56
blue channel ADC output bit 5
B6
57
blue channel ADC output bit 6
B7
58
blue channel ADC output bit 7 (MSB)
VCCOB
59
blue channel ADC output power supply
OGNDG
60
green channel ADC output ground
G0
61
green channel ADC output bit 0 (LSB)
G1
62
green channel ADC output bit 1
G2
63
green channel ADC output bit 2
G3
64
green channel ADC output bit 3
G4
65
green channel ADC output bit 4
G5
66
green channel ADC output bit 5
G6
67
green channel ADC output bit 6
G7
68
green channel ADC output bit 7 (MSB)
VCCOG
69
green channel ADC output power supply
OGNDR
70
red channel ADC output ground
R0
71
red channel ADC output bit 0 (LSB)
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com