Electronic Components Datasheet Search
  English  ▼

X  

24LC256-EMC Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC256-EMC
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-EMC Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC256-EMC Datasheet HTML 17Page - Microchip Technology 24LC256-EMC Datasheet HTML 18Page - Microchip Technology 24LC256-EMC Datasheet HTML 19Page - Microchip Technology 24LC256-EMC Datasheet HTML 20Page - Microchip Technology 24LC256-EMC Datasheet HTML 21Page - Microchip Technology 24LC256-EMC Datasheet HTML 22Page - Microchip Technology 24LC256-EMC Datasheet HTML 23Page - Microchip Technology 24LC256-EMC Datasheet HTML 24Page - Microchip Technology 24LC256-EMC Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 21
24AAXX/24LCXX/24FCXX
APPENDIX A: REVISION HISTORY
Revision A
Original release of document. Combined Serial
EEPROM 24XXX device data sheets.
Revision B (02/2007)
Change 1.8V to 1.7V; Removed 14-Lead TSSOP
Package; Replaced Package Drawings; Revised
Product ID Section. Updates throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com