Electronic Components Datasheet Search
  English  ▼

X  

78393 Datasheet(PDF) 1 Page - Alpha Wire

Part # 78393
Description  20 (19/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78393 Datasheet(HTML) 1 Page - Alpha Wire

  78393 Datasheet HTML 1Page - Alpha Wire 78393 Datasheet HTML 2Page - Alpha Wire 78393 Datasheet HTML 3Page - Alpha Wire 78393 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 78393
Construction
 
Diameters (In)
1) Component 1
3 X 1 PAIR
 
a) Conductor
20 (19/32) AWG Tinned Copper
0.040
b) Insulation
0.007" Wall, Nom. Modified Polyphenylene Ether-PE
0.054
(1) Color Code
Alpha Wire Color Code A
Pair Color
Pair Color
Pair Color
1
BLACK-RED 2
BLACK-
WHITE
3
BLACK-
GREEN
c) Pair
2/Cond Cabled Together
 
(1) Twists:
8.0 Twists/foot (min)
 
2) Cable Assembly
3 Components Cabled
 
a) Twists:
4.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield:
A/P/A Tape, 25% Overlap, Min.
 
a) Drain Wire
20 (7/28) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Min.
 
4) Jacket
0.015" Wall, Nom.,Modified Polyphenylene Ether-PE
0.256 (0.268 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
 
c) Jacket Separator
Nonwoven Polyester Tape, 25% Overlap, Min.
 
d) Print
ALPHA WIRE-* P/N 78393 3PR 20 AWG
ECOCABLE(R) MINI RU AWM 21460 80C 300V VW-1
C(RU) AWM I A/B FT1 80C 300V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 78393

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7839 GILWAY-7839 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Alpha Wire
78392 ALPHAWIRE-78392 Datasheet
408Kb / 4P
20 (19/32) AWG Tinned Copper
78394 ALPHAWIRE-78394 Datasheet
408Kb / 4P
20 (19/32) AWG Tinned Copper
logo
Molex Electronics Ltd.
78394-0002 MOLEX9-78394-0002 Datasheet
294Kb / 6P
0.80mm(.031"), 1.27mm(.050") Micro SAS Plug, Right Angle, Straddle Mount, 0.76關m(30關") Gold (Au) Plating, 25 Circuits, Halogen free, Lead free
78395-0001 MOLEX9-78395-0001 Datasheet
328Kb / 6P
0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Right Angle, SMT, 0.76關m (30關) Gold (Au) Plating, 25 Circuits, for 1.00mm (.039) PCB Thickness
More results

Similar Description - 78393

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1346631 ETC2-1346631 Datasheet
98Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com