Electronic Components Datasheet Search
  English  ▼

X  

TDA8755 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8755
Description  YUV 8-bit video low-power analog-to-digital interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8755 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8755 Datasheet HTML 4Page - NXP Semiconductors TDA8755 Datasheet HTML 5Page - NXP Semiconductors TDA8755 Datasheet HTML 6Page - NXP Semiconductors TDA8755 Datasheet HTML 7Page - NXP Semiconductors TDA8755 Datasheet HTML 8Page - NXP Semiconductors TDA8755 Datasheet HTML 9Page - NXP Semiconductors TDA8755 Datasheet HTML 10Page - NXP Semiconductors TDA8755 Datasheet HTML 11Page - NXP Semiconductors TDA8755 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1995 Mar 09
8
Philips Semiconductors
Product specification
YUV 8-bit video low-power
analog-to-digital interface
TDA8755
Notes
1. Low frequency ramp signal (VI(p-p) = full-scale and 64 µs period) combined with a sinewave input voltage
(VI(p-p) = 0.25 full-scale, fi = maximum permitted frequency) at the input.
2. The input conditions are related as follows:
a) Y channel: VI(p-p) = 1.0 V; fi = 4.43 MHz
b) U/V channel: VI(p-p) = 1.0 V; fi = 1.5 MHz.
3. Supply voltage ripple rejection:
a) SVRR1 is the variation of the input voltage producing output code 127 (code 15) for supply voltage variation
of 0.5 V:
b) SVRR2 is the relative variation of the full-scale range of analog input for a supply voltage variation of 0.5 V:
4. Full-scale sinewave (fi = 4.43 MHz for Y and fi = 1.5 MHz for U and V; fclk = 20 MHz).
5. The number of effective bits is measured using a 20 MHz clock frequency. This value is given for a 4.43 MHz input
frequency on the Y channel (1.5 MHz on the U and V channels). This value is obtained via a Fast Fourier Transform
(FFT) treatment taking 4
× Tclk (clock periods) acquisition points per period. The calculation takes into account all
harmonics and noise up to half of the clock frequency (NYQUIST frequency).
Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
6. Output data acquisition is available after the maximum delay time of td.
7. U and V output data is not valid during tCLP.
Timing (fclk = 20 MHz); note 6; see Figs 3 to 7
tds
sampling delay time
−
1
−
ns
th
output hold time
7
−−
ns
td
output delay time
−
33
42
ns
tdZH
3-state output delay time
enable-to-HIGH
−
10
14
ns
tdZL
3-state output delay time
enable-to-LOW
−
10
14
ns
tdHZ
3-state output delay time
disable-to-HIGH
−
811
ns
tdLZ
3-state output delay time
disable-to-LOW
−
46ns
tr
clock rise time
3
5
−
ns
tf
clock fall time
3
5
−
ns
tsu
HREF set-up time
7
−−
ns
th
HREF hold time
3
−−
ns
tr
data output rise time
−
12
−
ns
tf
data output fall time
−
16
−
ns
tCLP
minimum time for active clamp
note 7; see Fig.9
3
−−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
SVRR1
20 log
∆V
I127
()
∆V
CCA
----------------------
=
SVVR2
∆ V
I0
()
V
I255
()
–
()
V
I0
()
V
I 255
()
–
------------------------------------------------
1
∆V
CCA
------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com