Electronic Components Datasheet Search
  English  ▼

X  

DPA01DM48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPA01DM48
Description  Monitoring Relays 3-Phase Sequence and Phase Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPA01DM48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPA01DM48 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPA01DM48 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPA01DM48 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (17.07.06)
1
Monitoring Relays
Product Description
Ordering Key
Housing
Function
Type
Item number
Output
Power supply
• 3-phase monitoring relays for phase
sequence and phase loss
• Detect when all 3 phases are present and have the
correct sequence
• Measure on own power supply
• Power supply range: 208 to 690 VAC (+10 -15%)
• Output: 8 A SPDT relay or 8 A DPDT normally energized
• For mounting on DIN-rail in accordance with DIN/EN
50 022 (DPA01) or plug-in module (PPA01)
• 22.5 mm Euronorm housing (DPA01) or 36 mm plug-in
module (PPA01)
• LED indication for relay and power supply ON
Type Selection
Mounting
Output
208 to 480 VAC
208 to 240 VAC
380 to 480 VAC
380 to 600 VAC
600 to 690 VAC
DIN-rail
SPDT
DPA 01 C M44
DPA 01 C M60
DPA 01 C M69
DIN-rail
DPDT
DPA 01 D M23
DPA 01 D M48
Mounting
Output
208 to 415 VAC
208 to 240 VAC
380 to 415 VAC
Plug-in
SPDT
PPA 01 C M44
Plug-in
DPDT
PPA 01 D M23
PPA 01 D M48
Input
L1, L2, L3
DPA01: Terminals L1, L2, L3
PPA01: Terminals 5, 6, 7
Measures on own supply
Measuring ranges
208 to 480 VAC (DPA01CM44) 177 to 550 VAC
380 to 600 VAC (DPA01CM60) 323 to 690 VAC
600 to 690 VAC (DPA01CM69) 510 to 760 VAC
208 to 415 VAC (PPA01CM44) 177 to 475 VAC
208 to 240 VAC (DPA01DM23) 177 to 275 VAC
380 to 480 VAC (DPA01DM48) 323 to 550 VAC
208 to 240 VAC (PPA01DM23) 177 to 275 VAC
380 to 415 VAC (PPA01DM48) 323 to 475 VAC
ON-level
> 85% of the mains phase-
phase voltage
3-Phase Sequence and Phase Loss
Types DPA01, PPA01
Input Specifications
Output
SPDT or DPDT relay, N.E.
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2)
µ
DPA01C, PPA01C (SPDT):
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
DPA01D, PPA01D (DPDT):
Resistive loads
AC 1
8 A @ 250 VAC
Small inductive loads AC 15
3 A @ 250 VAC
DC 13
2 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications
DPA 01 C M44
3-phase relay for detection of
incorrect
phase
sequence,
total and partial phase loss.
Supply range from 208 to 690
VAC covered by two multi-
voltage relays.
For mounting on DIN-rail or
plug-in module. The device
detects regenerated voltages
up to 85% of the nominal
voltage (phase-phase).
DPA01
PPA01


Similar Part No. - DPA01DM48

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DPA00001-010I L-COM-DPA00001-010I Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
DPA00001-020I L-COM-DPA00001-020I Datasheet
126Kb / 1P
DP RA M TO PNL MNT DP F CABLE
04/26/2017
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
More results

Similar Description - DPA01DM48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
Three-phase Phase-sequence Phase-loss Relay
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
Phase-sequence Phase-loss Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com