Electronic Components Datasheet Search
  English  ▼

X  

DPB02CM23 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DPB02CM23
Description  Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPB02CM23 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DPB02CM23 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPB02CM23 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPB02CM23 Datasheet HTML 3Page - List of Unclassifed Manufacturers DPB02CM23 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (18.07.06)
DPB02, PPB02
Mode of Operation
Connected with the 3 phas-
es (and neutral) DPB02 and
PPB02 operate when all 3
phases are present at the
same
time,
the
phase
sequence is correct and the
asymmetry is under the set
level.
Asymmetry is defined as fol-
lows:
when
measuring
phase-
phase voltages and also as
follows:
when measuring phase-neu-
tral voltages.
If the asymmetry exceeds
the set level the red LED
starts flashing 2 Hz and the
output relay releases after
the set time period. If the
phase sequence is incorrect
or one phase is lost, the output
relay releases immediately.
Only 200 ms delay occurs.
The failure is indicated by the
red LED flashing 5 Hz after
the alarm condition occurs.
Example 1
(mains network monitoring)
The relay monitors asymme-
try, phase loss and correct
phase sequence.
Example 2
(load monitoring)
The relay releases in case of
interruption of one or more
phases or when the asym-
metry exceeds the set level.
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
L1, L2, L3, N
(DPB02)
5, 6, 7, 11
(PPB02)
M23 - Delta Voltage:
208 to 240 VAC ± 15%
45 to 65 Hz
M48 (DIN-rail) - Delta Voltage: 380 to 480 VAC ± 15%
45 to 65 Hz
M48 (DIN-rail) - Star Voltage:
220 to 277 VAC ± 15%
45 to 65 Hz
M48 (Plug-in) - Delta Voltage: 380 to 415 VAC ± 15%
45 to 65 Hz
M48 (Plug-in) - Star Voltage:
220 to 240 VAC ± 15%
45 to 65 Hz
Rated operational power
DPB02CM23, PPB02CM23
13 VA @
∆230 VAC, 50 Hz
DPB02CM48, PPB02CM48
13 VA @
∆400 VAC, 50 Hz
Supplied by L1 and L2
Supply Specifications
Power ON delay
1 s ± 0.5 s or 6 s ± 0.5 s
Reaction time
Incorrect phase sequence or
total phase loss
< 200 ms
Asymmetry
Alarm ON delay
< 200 ms (delay < 0.1 s)
Alarm OFF delay
< 200 ms (delay < 0.1 s)
Accuracy
(15 min warm-up time)
Temperature drift
± 1000 ppm/°C
Delay ON alarm
± 10% on set value ± 50 ms
Repeatability
± 0.5% on full-scale
Indication for
Power supply ON
LED, green
Alarm ON
LED, red (flashing 2 Hz
during delay time)
Output relay ON
LED, yellow
Environment
Degree of protection
IP 20
Pollution degree
3 (DPB02), 2 (PPB02)
Operating temperature
@ Max. voltage, 50 Hz
-20 to 60°C, R.H. < 95%
@ Max. voltage, 60 Hz
-20 to 50°C, R.H. < 95%
Storage temperature
-30 to 80°C, R.H. < 95%
Housing
Dimensions
DPB02
22.5 x 80 x 99.5 mm
PPB02
36 x 80 x 94 mm
Weight
Approx. 120 g
Screw terminals
Tightening torque
Max. 0.5 Nm
acc. to IEC 60947
Approvals
UL, CSA
CE marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emissions
According to EN 61000-6-3
General Specifications
max{|
∆V
ph-ph|}
nom. voltage
max{|
∆V
ph-n|}
nom. voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com