Electronic Components Datasheet Search
  English  ▼

X  

DPB02CM48 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DPB02CM48
Description  Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPB02CM48 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DPB02CM48 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 3Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice (18.07.06)
3
DPB02, PPB02
Adjust the input range set-
ting the DIP switches 3 and
4 as shown below.
Select the desired function
setting the DIP switches 1
and 2 as shown below.
To access the DIP swiches
open the grey plastic cover
as shown below
Selection
of
asymmetry
and time delay:
Centre knob:
Setting of asymmetry on rel-
ative scale.
Lower knob:
Setting of delay on alarm
time on absolute scale (0.1
to 30 s).
Function/Range/Level and Time Delay Setting
Power ON delay
ON: 6 s ± 0.5 s
OFF: 1 s ± 0.5 s
Monitored voltage
ON: Phase-Neutral
OFF: Phase-Phase
Measuring range
SW3
ON
ON
OFF
OFF
SW4
ON
OFF
ON
OFF
M23 Ph-Ph
208 VAC 220 VAC 230 VAC
240 VAC
Voltage
M48 Ph-Ph
380 VAC 400 VAC 415 VAC
480 VAC
Voltage
DPB02 only
M48 Ph-N
220 VAC 230 VAC 240 VAC
277 VAC
Voltage
DPB02 only
Operation Diagrams



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com