Electronic Components Datasheet Search
  English  ▼

X  

PTA02C024 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PTA02C024
Description  Monitoring Relays Motor temperature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PTA02C024 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PTA02C024 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTA02C024 Datasheet HTML 2Page - List of Unclassifed Manufacturers PTA02C024 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice (01.12.04)
3
DTA01, DTA02, PTA01, PTA02
N (-)
m
Z2
T1
T2
A1
A2
11
14
T
L
Z1
12
N (-)
m
5
7
10
1
3
L
T
2
9
8
4
Wiring Diagrams (cont.)
DTA02
PTA02
µ
µ
3100 W
1650 W
Operation Diagrams
3100 W
1650 W
Power supply
Relay ON
Relay ON
Reset contact
Power supply
DTA01, PTA01
DTA02, PTA02
Dimensions
22.5
99.5
28.5
36
94
28.5
90
DIN-rail
Plug-in



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com