Electronic Components Datasheet Search
  English  ▼

X  

TDA8760K Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8760K
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8760K Datasheet HTML 4Page - NXP Semiconductors TDA8760K Datasheet HTML 5Page - NXP Semiconductors TDA8760K Datasheet HTML 6Page - NXP Semiconductors TDA8760K Datasheet HTML 7Page - NXP Semiconductors TDA8760K Datasheet HTML 8Page - NXP Semiconductors TDA8760K Datasheet HTML 9Page - NXP Semiconductors TDA8760K Datasheet HTML 10Page - NXP Semiconductors TDA8760K Datasheet HTML 11Page - NXP Semiconductors TDA8760K Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Sep 12
8
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
CHARACTERISTICS
VCCA =VCCD =VCCO = 4.75 to 5.25 V; AGND and DGND shorted together;
VCCA − VCCD =VCCO − VCCD =VCCA − VCCO = −0.25 to +0.25 V; Tamb =0to+70 °C; unless otherwise specified.
Typical values measured at VCCA =VCCD =VCCO =5V; Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
95
100
mA
ICCD
digital supply current
−
40
45
mA
ICCO
output supply current
all outputs LOW
−
35
40
mA
Inputs
CLK AND CLK (REFERENCED TO DGND); note 1
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk or Vclk = 0.4 V
−400
−−
mA
IIH
HIGH level input current
Vclk or Vclk = 2.0 V
−−
100
mA
Vclk or Vclk =VCCD
−−
300
mA
ZI
input impedance
fclk = 40 MHz
−
2
−
k
Ω
CI
input capacitance
fclk = 40 MHz
−
4.5
−
pF
∆Vclk
AC input voltage for
switching (Vclk − Vclk)
DC level = 1.5 V
0.5
−
2.0
V
DC level = 2.5 V
1.5
−
5.0
V
OTC AND CS (REFERENCED TO DGND); see Table 3
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VIL = 0.8 V
−400
−−µA
IIH
HIGH level input current
VIH = 2.0 V
−−
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com