Electronic Components Datasheet Search
  English  ▼

X  

G8051 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G8051
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G8051 Datasheet(HTML) 1 Page - GTM CORPORATION

  G8051 Datasheet HTML 1Page - GTM CORPORATION G8051 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
G8051
Page: 1/2
ISSUED DATE :2004/12/27
REVISED DATE :
G
G 88005511
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
Features
*High Collector current (IC: 1.5A)
*Complementary to G8551
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
6
V
Collect Current
IC
1.5
A
Base Current
IB
0.5
A
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Total Power Dissipation
PD
1
W
Electrical Characteristics(Ta = 25 : ,unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA
BVCEO
25
-
-
V
IC=2mA
BVEBO
6
-
-
V
IE=100uA
ICBO
-
-
100
nA
VCB=35V
IEBO
-
-
100
nA
VBE=6V
*VCE(sat)
-
-
0.5
V
lC=800mA, IB=80mA
*VBE(sat)
-
-
1.2
V
lC=800mA, IB=80mA
*VBE(on)
-
-
1
V
VCE=1V, IC=10mA
*hFE1
45
-
-
VCE=1V, IC=5mA
*hFE2
120
-
500
VCE=1V, IC=100mA
*hFE3
40
-
-
VCE=1V, IC=800mA
fT
100
-
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
9
-
pF
VCB=10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE1
Rank
C
D
E
Range
120 ~ 200
160 ~ 320
250 ~ 500
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - G8051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8051 ETC2-G8051 Datasheet
141Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
G8051 ETL-G8051 Datasheet
143Kb / 2P
The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
GTM CORPORATION
G8051S GTM-G8051S Datasheet
159Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
G8051S ETL-G8051S Datasheet
162Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results

Similar Description - G8051

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com