Electronic Components Datasheet Search
  English  ▼

X  

G9014 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G9014
Description  NPN EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G9014 Datasheet(HTML) 1 Page - GTM CORPORATION

  G9014 Datasheet HTML 1Page - GTM CORPORATION G9014 Datasheet HTML 2Page - GTM CORPORATION G9014 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
ISSUED DATE :2004/11/10
REVISED DATE :
G
G 99001144
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G9014 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Total Power Dissipation
PD
450
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
-
-
V
IC=100uA , IE=0
BVCEO
45
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=100uA, IC=0
ICBO
-
-
50
nA
VCB=50V, IE=0
IEBO
-
-
50
nA
VEB=5V, IC=0
VCE(sat)
-
0.14
0.3
V
IC=100mA, IB=5mA
VBE(sat)
-
0.84
1
V
IC=100mA, IB=5mA
VBE(on)
0.58
0.63
0.7
V
VCE=5V, IC=2mA
hFE
100
280
1000
VCE=5V, IC=1mA
fT
150
270
-
MHz
VCE=5V, IC=10mA
Cob
-
2.20
3.5
pF
VCB=10V, f=1MHz, IE=0
Classification Of hFE
Rank
B
C
D
hFE
100 - 300
200-600
400-1000
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - G9014

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G9014 ETL-G9014 Datasheet
184Kb / 3P
The G9014 is designed for general purpose amplifier applications
More results

Similar Description - G9014

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
NPN EPITAXIAL TRANSISTOR
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
NPN Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com