Electronic Components Datasheet Search
  English  ▼

X  

TDA8761AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8761AM
Description  9-bit analog-to-digital converter for digital video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8761AM Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8761AM Datasheet HTML 1Page - NXP Semiconductors TDA8761AM Datasheet HTML 2Page - NXP Semiconductors TDA8761AM Datasheet HTML 3Page - NXP Semiconductors TDA8761AM Datasheet HTML 4Page - NXP Semiconductors TDA8761AM Datasheet HTML 5Page - NXP Semiconductors TDA8761AM Datasheet HTML 6Page - NXP Semiconductors TDA8761AM Datasheet HTML 7Page - NXP Semiconductors TDA8761AM Datasheet HTML 8Page - NXP Semiconductors TDA8761AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Nov 03
2
Philips Semiconductors
Product specification
9-bit analog-to-digital converter
for digital video
TDA8761A
FEATURES
• 9-bit resolution
• Sampling rate up to 40 MHz
• DC sampling allowed
• One clock cycle conversion only
• High signal-to-noise ratio over a large analog input
frequency range (8.2 effective bits at 10 MHz full-scale
input at fclk = 30 MHz)
• No missing codes guaranteed
• In Range (IR) CMOS output
• Levels TTL and CMOS compatible digital inputs
• 3 to 5 V CMOS digital outputs
• Low-level AC clock input signal allowed
• External reference voltage regulator
• Power dissipation only 158 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
Analog-to-digital conversion for:
• Video data digitizing
• Digital Video Broadcasting (DVB)
• Cable TV.
GENERAL DESCRIPTION
The TDA8761A is a 9-bit Analog-to-Digital Converter
(ADC) for professional video and digital video set box
applications. It converts the analog input signal into 9-bit
binary-coded digital words at a maximum sampling rate of
40 MHz. Its linearity performance ensures the required
conversion accuracy in the event of 256-QAM
demodulator concept and for all symbol frequencies.
All digital inputs and outputs are TTL and CMOS
compatible, although a low-level sine wave clock input
signal is allowed.
QUICK REFERENCE DATA
Note
1. fi = 10 MHz and fclk = 30 MHz; fi = 8 MHz and fclk = 20 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
−
18
24
mA
ICCD
digital supply current
−
13
18
mA
ICCO
output stages supply current
fclk = 30 MHz; ramp input
−
12mA
INL
integral non-linearity
fclk = 30 MHz; ramp input
−±0.8
±1.6
LSB
AINL
AC integral non-linearity
full-scale input sine wave; note 1
−±0.75 0.9
LSB
50% full-scale input sine wave; note 1
−±0.5
±0.75 LSB
DNL
differential non-linearity
fclk = 30 MHz; ramp input
−±0.3
±0.7
LSB
ADNL
AC differential non-linearity
full-scale input sine wave; note 1
−±0.5
±0.75 LSB
50% full-scale input sine wave; note 1
−±0.3
±0.5
LSB
fclk(max)
maximum clock frequency
40
−−
MHz
Ptot
total power dissipation
−
158
173
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com