Electronic Components Datasheet Search
  English  ▼

X  

GBAV99 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GBAV99
Description  consists of two diodes in a plastic surface mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GBAV99 Datasheet(HTML) 1 Page - GTM CORPORATION

  GBAV99 Datasheet HTML 1Page - GTM CORPORATION GBAV99 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G B
B A
AV
V 9999
Description
The GBAV99 consists of two diodes in a plastic surface mount package. The diodes are connected in series and the unit is
designed for high-speed switching application in hybrid thick and thin-film circuits.
Package Dimensions
Style : Pin1.Anode 2.Cathode
3.Common Connection
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-65~+150
Reverse Voltage
70
V
Repetitive Reverse Voltage
70
V
Forward Current
150
mA
Repetitive Forward Current
500
mA
Forward Surge Current(1ms)
1000
mA
Total Power Dissipation
PD
250
mW
Characteristics at Ta = 25 ::::
Characteristic
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
70
-
V
IR=100uA
VF(1)
-
715
mV
IF=1mA
VF(2)
-
855
mV
IF=10mA
VF(3)
-
1000
mV
IF=50mA
Forward Voltage
VF(4)
-
1250
mV
IF=150mA
Reverse Current
IR
-
2.5
uA
VR=70V
Total Capacitance
CT
1.5
pF
VR=0, f=1MHz
Reverse Recovery Time
Trr
-
6
nS
IF=IR=10mA, RL=100 Ł measured at IR=1mA


Similar Part No. - GBAV99

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAV99 ETL-GBAV99 Datasheet
192Kb / 2P
The GBAV99 consists of two diodes in a plastic surface mount package. The diodes are connected in series and the unit is designed for high-speed switching application in hybrid thick and thin-film circuits
More results

Similar Description - GBAV99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR4558 ETC1-LR4558 Datasheet
134Kb / 7P
The LR4558 consists of two high performance operational amplifiers
logo
Formosa MS
BAV70 FORMOSA-BAV70 Datasheet
348Kb / 2P
The BAV70 consists of two diodes in a plastic surface mount package
BAV99 FORMOSA-BAV99 Datasheet
213Kb / 2P
The BAV99 consists of two diodes in a plastic surface mount package
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
This specification consists of two doucuments as follows
logo
GTM CORPORATION
GBAV70 GTM-GBAV70 Datasheet
194Kb / 3P
consists of two diodes in a plastic surface mount
logo
TAITRON Components Inco...
LS4148 TAITRON-LS4148 Datasheet
172Kb / 3P
Two Terminals Surface Mount Switching Diodes
logo
E-Tech Electronics LTD
GBAV70 ETL-GBAV70 Datasheet
197Kb / 3P
The GBAV70 consists of two diodes in a plastic surface mount package. The diodes are connected in series and the unit is designed for high-speed switching application in hybrid thick and thin-film circuits
GBAV99 ETL-GBAV99 Datasheet
192Kb / 2P
The GBAV99 consists of two diodes in a plastic surface mount package. The diodes are connected in series and the unit is designed for high-speed switching application in hybrid thick and thin-film circuits
GBAW56 ETL-GBAW56 Datasheet
145Kb / 2P
The GBAW56 consists of two high-speed switching diodes with common anodes, fabricated in planar technology and encapsulated in a small SOT-23 plastic SMD package
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com