Electronic Components Datasheet Search
  English  ▼

X  

TDA8762AM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8762AM
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762AM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8762AM Datasheet HTML 6Page - NXP Semiconductors TDA8762AM Datasheet HTML 7Page - NXP Semiconductors TDA8762AM Datasheet HTML 8Page - NXP Semiconductors TDA8762AM Datasheet HTML 9Page - NXP Semiconductors TDA8762AM Datasheet HTML 10Page - NXP Semiconductors TDA8762AM Datasheet HTML 11Page - NXP Semiconductors TDA8762AM Datasheet HTML 12Page - NXP Semiconductors TDA8762AM Datasheet HTML 13Page - NXP Semiconductors TDA8762AM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Mar 21
10
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
5. The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device.
No glitches greater than 2 LSBs, neither any significant attenuation are observed in the reconstructed signal.
6. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square-wave signal) in order to sample the signal and obtain correct output data.
7. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(NYQUIST frequency). Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
8. Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two
input signals have the same amplitude and the total amplitude of both signals provides full scale to the converter.
9. Measurement carried out using video analyser VM700A, where the video analog signal is reconstructed through a
digital-to-analog converter.
10. Output data acquisition: the output data is available after the maximum delay time of td. In the event of a 80 MHz
clock operation, the hardware design must take into account the td and th limits with respect to the input
characteristics of the acquisition circuit; an external latch will ease the design if output data lines cannot be short to
minimize capacitance.
Fig.3 Explanation of note 3.
handbook, halfpage
RLAD
ROT
VRT
VRM
VRB
ROB
code 1023
code 0
7
6
9
MGD281
IL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com