Electronic Components Datasheet Search
  English  ▼

X  

TDA8763 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8763
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8763 Datasheet HTML 1Page - NXP Semiconductors TDA8763 Datasheet HTML 2Page - NXP Semiconductors TDA8763 Datasheet HTML 3Page - NXP Semiconductors TDA8763 Datasheet HTML 4Page - NXP Semiconductors TDA8763 Datasheet HTML 5Page - NXP Semiconductors TDA8763 Datasheet HTML 6Page - NXP Semiconductors TDA8763 Datasheet HTML 7Page - NXP Semiconductors TDA8763 Datasheet HTML 8Page - NXP Semiconductors TDA8763 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Jan 06
5
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
TC
2
two’s complement input (active LOW)
VCCA
3
analog supply voltage (+5 V)
AGND
4
analog ground
DEC
5
decoupling input
VRB
6
reference voltage BOTTOM input
VRM
7
reference voltage MIDDLE input
VI
8
analog input voltage
VRT
9
reference voltage TOP input
OE
10
output enable input (CMOS level
input, active LOW)
VCCD2
11
digital supply voltage 2 (+5 V)
DGND2
12
digital ground 2
VCCO
13
supply voltage for output stages
(3 to 5 V)
OGND
14
output ground
n.c.
15
not connected
D0
16
data output; bit 0 (LSB)
D1
17
data output; bit 1
D2
18
data output; bit 2
D3
19
data output; bit 3
D4
20
data output; bit 4
D5
21
data output; bit 5
D6
22
data output; bit 6
D7
23
data output; bit 7
D8
24
data output; bit 8
D9
25
data output; bit 9 (MSB)
IR
26
in range data output
DGND1
27
digital ground 1
VCCD1
28
digital supply voltage 1 (+5 V)
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
CLK
TC
CCA
AGND
DEC
RB
RM
I
RT
OE
CCD2
DGND2
CCO
OGND
CCD1
DGND1
IR
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
V
V
V
V
V
V
V
V
TDA8763
MBE552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com