Electronic Components Datasheet Search
  English  ▼

X  

GBC337 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GBC337
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GBC337 Datasheet(HTML) 1 Page - GTM CORPORATION

  GBC337 Datasheet HTML 1Page - GTM CORPORATION GBC337 Datasheet HTML 2Page - GTM CORPORATION GBC337 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBC337
Page: 1/3
ISSUED DATE :2005/10/21
REVISED DATE :
G
G B
B C
C 333377
N
N P
P N
N S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GBC337 is designed for drive and output-stages of audio amplifiers.
Features
&High DC Current Gain: 100~630 @VCE=1V, IC=100mA
&
Complementary to GBC327
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings (TA=25 )
::::
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (continuous)
IC
800
mA
Total Device Dissipation @ TA =25 :
Derate above 25 :
PD
625
5.0
mW
mW/ :
Total Device Dissipation @ TC =25 :
Derate above 25 :
PD
1.5
12
W
mW/ :
Operating and Storage Junction Temperature
TJ, Tstg
-55 ~ +150
:
Thermal Resistance, Junction to Ambient
R JA
200
: /W
Thermal Resistance, Junction to Case
R JC
83.3
: /W
Electrical Characteristics (TA = 25 : unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
-
-
V
IC=100uA, IE=0
BVCEO
45
-
-
V
IC=10mA, IB=0
BVCES
50
-
-
V
IC=100uA, IE=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
ICES
-
-
100
nA
VCE=45V, VBE=0
IEBO
-
-
100
nA
VEB=4V, IC=0
*VCE(sat)
-
-
0.7
V
IC=500mA, IB=50mA
*VBE(on)
-
-
1.2
V
VCE=1V, IC=300mA
*hFE1
100
-
630
VCE=1V, IC=100mA
*hFE2
60
-
-
VCE=1V, IC=300mA
fT
-
210
-
MHz
VCE=5V, IC=10mA, f=100MHz
Cob
-
15
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE1
Rank
A
B
C
Range
100 ~ 250
160 ~ 400
250 ~ 630
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - GBC337

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBC337 ETL-GBC337 Datasheet
188Kb / 3P
The GBC337 is designed for drive and output-stages of audio amplifiers
More results

Similar Description - GBC337

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com