Electronic Components Datasheet Search
  English  ▼

X  

TDA8763M Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8763M
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763M Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8763M Datasheet HTML 5Page - NXP Semiconductors TDA8763M Datasheet HTML 6Page - NXP Semiconductors TDA8763M Datasheet HTML 7Page - NXP Semiconductors TDA8763M Datasheet HTML 8Page - NXP Semiconductors TDA8763M Datasheet HTML 9Page - NXP Semiconductors TDA8763M Datasheet HTML 10Page - NXP Semiconductors TDA8763M Datasheet HTML 11Page - NXP Semiconductors TDA8763M Datasheet HTML 12Page - NXP Semiconductors TDA8763M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1999 Jan 06
9
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
BANDWIDTH (fclk = 40 MHz)
B
analog bandwidth
full-scale sine wave;
note 5
−
15
−
MHz
75% full-scale sine wave;
note 5
−
20
−
MHz
small signal at mid-scale;
VI = ±10 LSB at
code 512; note 5
−
350
−
MHz
tstLH
analog input settling time
LOW-to-HIGH
full-scale square wave;
see Fig.6; note 6
−
1.5
3.0
ns
tstHL
analog input settling time
HIGH-to-LOW
full-scale square wave;
see Fig.6; note 6
−
1.5
3.0
ns
HARMONICS (fclk =40MHZ); see Figs 7 and 8
Hfund(FS)
fundamental harmonics
(full-scale)
fi = 4.43 MHz
−−
0dB
Hall(FS)
harmonics (full-scale);
all components
fi = 4.43 MHz
second harmonics
−−70
−63
dB
third harmonics
−−72
−63
dB
THD
total harmonic distortion
fi = 4.43 MHz
−−61
−
dB
SIGNAL-TO-NOISE RATIO; see Figs 7 and 8; note 7
SNRFS
signal-to-noise ratio (full-scale)
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz
55
58
−
dB
EFFECTIVE BITS; see Figs 7 and 8; note 7
EB
effective bits
TDA8763M/3;
fclk = 30 MHz
fi = 4.43 MHz
−
9.4
−
bits
fi = 7.5 MHz
−
9.1
−
bits
TDA8763M/4;
fclk = 40 MHz
fi = 4.43 MHz
−
9.3
−
bits
fi = 7.5 MHz
−
9.0
−
bits
fi = 10 MHz
−
8.9
−
bits
fi = 15 MHz
−
8.1
−
bits
TDA8763M/5;
fclk = 50 MHz
fi = 4.43 MHz
−
9.3
−
bits
fi = 7.5 MHz
−
8.9
−
bits
fi = 10 MHz
−
8.8
−
bits
fi = 15 MHz
−
8.0
−
bits
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com