Electronic Components Datasheet Search
  English  ▼

X  

GP1S563 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S563
Description  Long Case, Snap-in Mounting Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S563 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S563 Datasheet HTML 1Page - Sharp Corporation GP1S563 Datasheet HTML 2Page - Sharp Corporation GP1S563 Datasheet HTML 3Page - Sharp Corporation GP1S563 Datasheet HTML 4Page - Sharp Corporation GP1S563 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1S563/GP1S566
s Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
V
V
VFM
µA
Peak forward voltage
IR
ICEO
nA
mA
Reverse current
Collector dark current
Collector current
Output
IC
µs
µs
IC
MIN.
−
−
−
−
−
4
10
100
−
MAX.
15
20
1.4
Conditions
VR
=3V
IF
=20mA
IFM
=0.5A
VCE
=20V
IF
=40mA, IC=0.5mA
VCE
=5V, IF=20mA
VCE
=5V, IF=20mA
VCE
=2V,IC=2mA, RL=100Ω
TYP.
−
−
0.5
mA
−
0.5
0.4
−
−
15
5.0
3
4
1.25
3
1
Collector-emitter saturation voltage
(Ta
=25˚C)
VCE (sat)
Rise time
tr
Fall time
tf
Transfer
charac-
teristics
Response time
GP1S563
GP1S566
0
10
20
30
40
50
60
−25
0
100
75
50
85
25
Ambient temperature Ta (°C)
Pulse width
<=100µs
Ta=25°C
10
10000
1000
100
10−3
10−2
10−1
1
Duty ratio
0
100
80
60
75
40
20
15
−25
0
25
50
75 85
100
Ambient temperature Ta (°C)
Fig.4 Forward Current vs. Forward Voltage
500
200
100
50
20
10
5
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Forward voltage VF (V)
Ta=75°C
50
°C
25
°C
0
°C
−20°C
Fig.3 Peak Forward Current vs. Duty Ratio
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Collector Power Dissipation vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com