Electronic Components Datasheet Search
  English  ▼

X  

TDA8765 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8765
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8765 Datasheet HTML 4Page - NXP Semiconductors TDA8765 Datasheet HTML 5Page - NXP Semiconductors TDA8765 Datasheet HTML 6Page - NXP Semiconductors TDA8765 Datasheet HTML 7Page - NXP Semiconductors TDA8765 Datasheet HTML 8Page - NXP Semiconductors TDA8765 Datasheet HTML 9Page - NXP Semiconductors TDA8765 Datasheet HTML 10Page - NXP Semiconductors TDA8765 Datasheet HTML 11Page - NXP Semiconductors TDA8765 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Jan 06
8
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
Voltage controlled regulator input Vref (referenced to AGND); note 2
Vref
full-scale fixed voltage
VCCA =5V
−
3.175
−
V
VI(p-p) − VI(p-p) input voltage amplitude
(peak-to-peak value)
Vref =VCCA − 1.825 V
−
2.0
−
V
Iref
input current at Vref
−
0.5
10
µA
Outputs (referenced to OGND)
DIGITAL OUTPUTS D11 TO D0 AND IR (REFERENCED TO OGND)
VOL
LOW-level output voltage
IOL =2mA
0
−
0.5
V
VOH
HIGH-level output voltage
IOH = −0.4 mA
VCCO − 0.5
−
VCCO
V
Io
output current in 3-state
output level between 0.5 V
and VCCO
−20
−
+20
µA
Switching characteristics
CLOCK FREQUENCY fCLK; see Fig.5
fCLK(min)
minimum clock frequency
SH = HIGH
−−
1
MHz
SH = LOW
−−
1
kHz
fCLK(max)
maximum clock frequency
TDA8765H/4
40
−−
MHz
TDA8765H/5
55
−−
MHz
tCLKH
clock pulse width HIGH
8.5
−−
ns
tCLKL
clock pulse width LOW
8.5
−−
ns
Analog signal processing; 50% clock duty factor; VI − VI = 2.0 V; Vref =VCCA− 1.825 V; see Table 1
LINEARITY
INL
integral non-linearity
fCLK = 4 MHz; fi = 400 kHz
−±0.5
±1.75
LSB
DNL
differential non-linearity
fCLK = 4 MHz; fi = 400 kHz;
no missing code
−±0.3
±0.5
LSB
Eoffset
offset error
VCCA =VCCD =VCCO =5V;
Tamb =25 °C; VI = VI;
output code = 511
tbf
−11
tbf
mV
EG
gain error amplitude; spread
from device to device
VCCA =VCCD =VCCO =5V;
Tamb =25 °C;
VI(p-p) − VI(p-p) = 2.0 V
−5
−
+5
%FS
BANDWIDTH (fCLK = 55 MHz); note 3
B
analog bandwidth
−3 dB; full-scale input
tbf
200
−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com