Electronic Components Datasheet Search
  English  ▼

X  

AD8244ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8244ARMZ
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8244ARMZ Datasheet HTML 5Page - Analog Devices AD8244ARMZ Datasheet HTML 6Page - Analog Devices AD8244ARMZ Datasheet HTML 7Page - Analog Devices AD8244ARMZ Datasheet HTML 8Page - Analog Devices AD8244ARMZ Datasheet HTML 9Page - Analog Devices AD8244ARMZ Datasheet HTML 10Page - Analog Devices AD8244ARMZ Datasheet HTML 11Page - Analog Devices AD8244ARMZ Datasheet HTML 12Page - Analog Devices AD8244ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8244
Rev. A | Page 9 of 20
–20
–15
–10
–5
0
5
10
1k
10k
100k
1M
FREQUENCY (Hz)
VS = +3V
VS = +5V
VS = ±5V
VS = ±15V
Figure 10. Gain vs. Frequency
–20
–15
–10
–5
0
5
10
1k
10k
100k
1M
FREQUENCY (Hz)
CL =100pF
VS = +3V
VS = +5V
VS = ±5V
VS = ±15V
Figure 11. Gain vs. Frequency, CL = 100 pF
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 12. Output Impedance vs. Frequency
20
30
40
50
60
70
80
90
100
110
120
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
REPRESENTATIVE SAMPLE
–PSRR
VS = ±5V
VIN =0V
+PSRR
VS = ±5V
VIN =0V
+PSRR, SINGLE SUPPLY
+VS =+5V, –VS =GND
VIN =+2.5V
Figure 13. PSRR vs. Frequency
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
1/2
AD8244
IN-AMP
TYPICAL MISMATCH
BETWEEN ANY
TWO CHANNELS
Figure 14. Gain Matching vs. Frequency
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
1/2
AD8244
IN-AMP
TYPICAL MISMATCH
BETWEEN ANY
TWO CHANNELS
Figure 15. Gain Matching vs. Frequency, 1 kΩ Source Imbalance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com