Electronic Components Datasheet Search
  English  ▼

X  

AD8505 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8505
Description  22 μA, RRIO, CMOS, 18 V Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8505 Datasheet HTML 9Page - Analog Devices AD8505 Datasheet HTML 10Page - Analog Devices AD8505 Datasheet HTML 11Page - Analog Devices AD8505 Datasheet HTML 12Page - Analog Devices AD8505 Datasheet HTML 13Page - Analog Devices AD8505 Datasheet HTML 14Page - Analog Devices AD8505 Datasheet HTML 15Page - Analog Devices AD8505 Datasheet HTML 16Page - Analog Devices AD8505 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8546/AD8548
Rev. C | Page 13 of 24
TIME (100µs/DIV)
VSY = ±1.35V
AV = +1
RL = 1MΩ
CL = 100pF
Figure 39. Large Signal Transient Response
TIME (100µs/DIV)
VSY = ±1.35V
AV = +1
RL = 1MΩ
CL = 100pF
Figure 40. Small Signal Transient Response
TIME (40µs/DIV)
–0.4
–0.2
0
2
1
0
VSY = ±1.35V
AV = –10
RL = 1MΩ
INPUT
OUTPUT
Figure 41. Positive Overload Recovery
TIME (100µs/DIV)
VSY = ±9V
AV = +1
RL = 1MΩ
CL = 100pF
Figure 42. Large Signal Transient Response
TIME (100µs/DIV)
VSY = ±9V
AV = +1
RL = 1MΩ
CL = 100pF
Figure 43. Small Signal Transient Response
TIME (40µs/DIV)
–1
0
–2
10
5
0
VSY = ±9V
AV = –10
RL = 1MΩ
INPUT
OUTPUT
Figure 44. Positive Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com