Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8675
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 3 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8597/AD8599
Rev. F | Page 3 of 20
SPECIFICATIONS
VSY = ±5 V, VCM = 0 V, VO = 0 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
15
120
μV
−40°C ≤ TA ≤ +125°C
180
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.8
2.2
μV/°C
Input Bias Current
IB
40
210
nA
−40°C ≤ TA ≤ +125°C
340
nA
Input Offset Current
IOS
65
250
nA
−40°C ≤ TA ≤ +125°C
340
nA
Input Voltage Range
IVR
−2.0
+2.0
V
Common-Mode Rejection Ratio
CMRR
−2.0 V ≤ VCM ≤ +2.0 V
120
135
dB
−40°C ≤ TA ≤ +125°C
105
dB
Large Signal Voltage Gain
AVO
RL ≥ 600 Ω, VO = −11 V to +11 V
105
110
dB
−40°C ≤ TA ≤ +125°C
100
dB
Input Capacitance
Differential Capacitance
CDIFF
15.4
pF
Common-Mode Capacitance
CCM
5.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 600 Ω
3.5
3.7
V
−40°C ≤ TA ≤ +125°C
3.3
V
RL = 2 kΩ
3.7
3.8
V
−40°C ≤ TA ≤ +125°C
3.5
V
Output Voltage Low
VOL
RL = 600 Ω
−3.6
−3.4
V
−40°C ≤ TA ≤ +125°C
−3.3
V
RL = 2 kΩ
−3.7
−3.5
V
−40°C ≤ TA ≤ +125°C
−3.4
V
Output Short-Circuit Current
ISC
±52
mA
Closed-Loop Output Impedance
ZOUT
At 1 MHz, AV = 1
5
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±18 V to ±4.5 V
120
140
dB
−40°C ≤ TA ≤ +125°C
118
dB
Supply Current per Amplifier
ISY
4.8
5.5
mA
−40°C ≤ TA ≤ +125°C
6.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
AV = −1, RL = 2 kΩ
14
V/μs
AV = 1, RL = 2 kΩ
14
V/μs
Settling Time
tS
To 0.01%, step = 10 V
2
μs
Gain Bandwidth Product
GBP
10
MHz
Phase Margin
ΦM
60
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
76
nV p-p
Voltage Noise Density
en
f = 1 kHz
1.07
1.15
nV/√Hz
f = 10 Hz
1.5
nV/√Hz
Correlated Current Noise
f = 1 kHz
2.0
pA/√Hz
f = 10 Hz
4.2
pA/√Hz
Uncorrelated Current Noise
f = 1 kHz
2.4
pA/√Hz
f = 10 Hz
5.2
pA/√Hz
Total Harmonic Distortion + Noise
THD + N
G = 1, RL ≥ 1 kΩ, f = 1 kHz, VRMS = 1 V
−120
dB
Channel Separation
CS
f = 10 kHz
−120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com