Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8663
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8663 Datasheet HTML 8Page - Analog Devices AD8663 Datasheet HTML 9Page - Analog Devices AD8663 Datasheet HTML 10Page - Analog Devices AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices AD8663 Datasheet HTML 13Page - Analog Devices AD8663 Datasheet HTML 14Page - Analog Devices AD8663 Datasheet HTML 15Page - Analog Devices AD8663 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8622/AD8624
Data Sheet
Rev. D | Page 12 of 20
12
10
8
6
4
2
0
0
5
10
15
0.1%
0.01%
20
25
30
35
SETTLING TIME (µs)
VSY = ±15V
AV = –1
Figure 41. Output Step vs. Settling Time
100
10
1
1
10
100
1k
FREQUENCY (Hz)
VSY = ±2.5V
Figure 42. Voltage Noise Density vs. Frequency
1
0.1
0.01
1
10
100
1k
FREQUENCY (Hz)
VSY = ±2.5V
UNCORRELATED
RS1 = 0Ω
CORRELATED
RS1 = RS2
RS1
RS2
Figure 43. Current Noise Density vs. Frequency
12
10
8
6
4
2
0
0
5
10
15
0.1%
0.01%
20
25
30
35
SETTLING TIME (µs)
VSY = ±15V
AV = +1
Figure 44. Output Step vs. Settling Time
100
10
1
1
10
100
1k
FREQUENCY (Hz)
VSY = ±15V
Figure 45. Voltage Noise Density vs. Frequency
1
0.1
0.01
1
10
100
1k
FREQUENCY (Hz)
VSY = ±15V
UNCORRELATED
RS1 = 0Ω
CORRELATED
RS1 = RS2
RS1
RS2
Figure 46. Current Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com