Electronic Components Datasheet Search
  English  ▼

X  

OP747 Datasheet(PDF) 1 Page - Analog Devices

Part # OP747
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP747 Datasheet(HTML) 1 Page - Analog Devices

  OP747 Datasheet HTML 1Page - Analog Devices OP747 Datasheet HTML 2Page - Analog Devices OP747 Datasheet HTML 3Page - Analog Devices OP747 Datasheet HTML 4Page - Analog Devices OP747 Datasheet HTML 5Page - Analog Devices OP747 Datasheet HTML 6Page - Analog Devices OP747 Datasheet HTML 7Page - Analog Devices OP747 Datasheet HTML 8Page - Analog Devices OP747 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, Precision
Rail-to-Rail Output Op Amp
Data Sheet
AD8622/AD8624
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very low offset voltage
125 μV maximum
Supply current: 215 μA/amp typical
Input bias current: 200 pA maximum
Low input offset voltage drift: 1.2 μV/°C maximum
Very low voltage noise: 11 nV/√Hz
Operating temperature: −40°C to +125°C
Rail-to-rail output swing
Unity gain stable
±2.5 V to ±15 V operation
APPLICATIONS
Portable precision instrumentation
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
GENERAL DESCRIPTION
The AD8622/AD8624 are dual and quad precision rail-to-rail
output operational amplifiers with low supply currents of only
350 μA/amplifier maximum over temperature and supply voltages.
The AD8622/AD8624 also has an input bias current cancellation
circuitry that provides a very low input bias current over the full
operating temperature.
With a typical offset voltage of only 10 μV, offset drift of 0.5 μV/°C,
and noise of only 0.2 μV p-p (0.1 Hz to 10 Hz), they are perfectly
suited for applications where large error sources cannot be
tolerated. Many systems can take advantage of the low noise,
dc precision, and rail-to-rail output swing provided by the
AD8622/AD8624 to maximize the signal-to-noise ratio and
dynamic range for low power operation. The AD8622/AD8624
are specified for the extended industrial temperature range of
−40°C to +125°C. The AD8622 is available in lead-free 8-lead
SOIC and MSOP packages, while the AD8624 is available in
lead-free 14-lead TSSOP and 16-lead LFCSP packages.
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8622
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body SOIC
OUT A 1
–IN A
2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8622
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP
AD8624
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
OUT A
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
–IN A
+IN A
V+
+IN B
–IN B
OUT B
Figure 3. 14-Lead TSSOP
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED
PAD BE CONNECTED TO V–.
12
11
10
1
3
4
–IN D
+IN D
V–
9
+IN C
–IN A
V+
2
+IN A
+IN B
TOP VIEW
(Not to Scale)
AD8624
Figure 4. 16-Lead LFCSP
Table 1. Low Power Op Amps
Supply
40 V
36 V
12 V to 18 V
6 V
Single
OP97
OP777
AD8663
OP1177
Dual
OP297
OP727
AD8667
ADA4692-2
OP2177
Quad
OP497
OP747
AD8669
ADA4692-4
OP4177


Similar Part No. - OP747

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP747AR AD-OP747AR Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP747AR AD-OP747AR Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARU AD-OP747ARU Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP747ARU AD-OP747ARU Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARU AD-OP747ARU Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
More results

Similar Description - OP747

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com