Electronic Components Datasheet Search
  English  ▼

X  

LT1187CS8 Datasheet(PDF) 4 Page - Analog Devices

Part # LT1187CS8
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1187CS8 Datasheet(HTML) 4 Page - Analog Devices

  LT1187CS8 Datasheet HTML 1Page - Analog Devices LT1187CS8 Datasheet HTML 2Page - Analog Devices LT1187CS8 Datasheet HTML 3Page - Analog Devices LT1187CS8 Datasheet HTML 4Page - Analog Devices LT1187CS8 Datasheet HTML 5Page - Analog Devices LT1187CS8 Datasheet HTML 6Page - Analog Devices LT1187CS8 Datasheet HTML 7Page - Analog Devices LT1187CS8 Datasheet HTML 8Page - Analog Devices LT1187CS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT1187
4
1187fb
For more information www.linear.com/LT1187
±5V ELECTRICAL CHARACTERISTICS –55°C ≤ T
A ≤ 125°C (Note 4)
VS = ±5V, VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, Pin 5 open.
5V ELECTRICAL CHARACTERISTICS T
A = 25°C (Note 4)
VS+ = 5V, VS– = 0V, VREF = 2.5V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to VREF, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, Pin
5 open.
SYMBOL
PARAMETER
CONDITIONS
MIN
LT1187C/I/M
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input (Note 5)
SO Package
2.0
2.0
10
12
mV
mV
IOS
Input Offset Current
Either Input
0.2
1.0
µA
IB
Input Bias Current
Either Input
±0.5
±2.0
µA
Input Voltage Range
2.0
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2.0V to 3.5V
70
100
dB
VOUT
Output Voltage Swing
RL = 300Ω to Ground
(Note 4)
VOUT High
3.6
4.0
V
VOUT Low
0.15
0.4
V
SR
Slew Rate
VO = 1.5V to 3.5V
130
V/µs
BW
Small-Signal Bandwidth
AV = 10
5.3
MHz
IS
Supply Current
12
15
mA
Shutdown Supply Current
Pin 5 at V–
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
5
25
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
LT1187M
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input (Note 5)
2.0
15
mV
ΔVOS/ΔT
Input VOS Drift
8.0
mV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = –2.5V to 3.5V
70
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
60
85
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
VS = ±8V, RL = 1k, AV = 50
VS = ±8V, RL = 300Ω, AV = 50 (Note 4)
±3.7
±6.6
±6.4
±4.0
±7.0
±6.8
V
V
V
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
0.2
1.2
%
IS
Supply Current
13
17
mA
Shutdown Supply Current
Pin 5 at V– (Note 12)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
5
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com