Electronic Components Datasheet Search
  English  ▼

X  

LT1189 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1189
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1189 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1189 Datasheet HTML 2Page - Analog Devices LT1189 Datasheet HTML 3Page - Analog Devices LT1189 Datasheet HTML 4Page - Analog Devices LT1189 Datasheet HTML 5Page - Analog Devices LT1189 Datasheet HTML 6Page - Analog Devices LT1189 Datasheet HTML 7Page - Analog Devices LT1189 Datasheet HTML 8Page - Analog Devices LT1189 Datasheet HTML 9Page - Analog Devices LT1189 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1187
6
1187fb
For more information www.linear.com/LT1187
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Common Mode Voltage vs
Temperature
Equivalent Input Noise Voltage vs
Frequency
Equivalent Input Noise Current vs
Frequency
Supply Current vs Supply Voltage
Shutdown Supply Current vs
Temperature
Gain Error vs Temperature
Open-Loop Gain vs Temperature
COMMON MODE VOLTAGE (V)
–5
–0.5
0
0.5
1.5
2.5
–3
0
2
4
1187 G01
–4
–2
1
3
125°C
–55°C
25°C
VS = 5V
–1
5
1.0
2.0
3.0
TEMPERATURE (°C)
–50
–400
–300
–200
–100
0
100
0
25
75
125
1187 G02
–25
50
100
+IB
–IB
IOS
TEMPERATURE (°C)
2.0
V+
–50
25
75
125
1187 G03
V–
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 1.8V TO 9V
V+ = –1.8V TO –9V
FREQUENCY (Hz)
300
400
500
10
1k
10k
100k
1187 G04
0
100
200
VS = 5V
TA = 25°C
RS = 0
100
600
FREQUENCY (Hz)
2
12
10
1k
10k
100k
1187 G05
0
100
6
4
8
10
VS = 5V
TA = 25°C
RS = 100k
SUPPLY VOLTAGE (V)
0
8
12
14
16
2
4
6
10
1187 G06
8
–55°C
25°C
125°C
10
TEMPERATURE (°C)
–50
0
2
3
4
5
6
0
25
75
125
1187 G07
1
–25
50
100
VS/D = –VEE + 0.6V
VS/D = –VEE
VS/D = –VEE + 0.4V
VS = 5V
VS/D = –VEE + 0.2V
TEMPERATURE (C)
1187 G08
–50
–0.20
–0.10
–0.05
0
0
50
100 125
–0.15
–25
25
75
VS = 5V
VOUT = 2V
AV = 10
RL = 1k
0
2
4
6
8
TEMPERATURE (C)
–50
0
50
100 125
1187 G09
–25
25
75
RL = 1k
RL = 500
VS = 5V
VO = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com