Electronic Components Datasheet Search
  English  ▼

X  

DS1123L Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1123L
Description  3.3V, 8-Bit, Programmable Timing Element
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1123L Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1123L Datasheet HTML 1Page - Dallas Semiconductor DS1123L Datasheet HTML 2Page - Dallas Semiconductor DS1123L Datasheet HTML 3Page - Dallas Semiconductor DS1123L Datasheet HTML 4Page - Dallas Semiconductor DS1123L Datasheet HTML 5Page - Dallas Semiconductor DS1123L Datasheet HTML 6Page - Dallas Semiconductor DS1123L Datasheet HTML 7Page - Dallas Semiconductor DS1123L Datasheet HTML 8Page - Dallas Semiconductor DS1123L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3.3V, 8-Bit, Programmable Timing Element
_____________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (ALL SPEED OPTIONS)
(VCC = +3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fCLK
10
MHz
Input Pulse Width (LE, CLK)
TW
50
ns
Data Setup to Clock
tDSC
30
ns
Data Hold from Clock
tDHC
0ns
Data Setup to Enable
tDSE
30
ns
Data Hold to Enable
tDHE
0ns
Enable Setup to Clock
tES
0ns
Enable Hold from Clock
tEH
30
ns
LE to Q Valid
tEQV
50
ns
LE to Q High-Z
tEQZ
050
ns
CLK to Q Valid
tCQV
50
ns
CLK to Q Invalid
tCQX
0ns
Parallel Input to Delay Valid
tPDV
500
ns
Parallel Input to Delay Invalid
tPDX
0ns
LE to Delay Valid
tEDV
500
ns
LE to Delay Invalid
tEDX
0ns
Power-Up Time
tPU
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com