Electronic Components Datasheet Search
  English  ▼

X  

MP6N120 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MP6N120
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP6N120 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP6N120 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP6N120 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:202307A
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
MP6N120
订 货 型 号
Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen-Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen-Free-Reel
MP6N120-C-B
MP6N120-C-BR
N/A
N/A
MP6N120
TO-220C
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
6A
VDSS
1200 V
Rdson(Vgs=10V)
-MAX
2.55Ω
Qg-Typ
38.22 nC
用途
高频开关电源.
电子镇流器
 UPS
APPLICATIONS
 High efficiency switch mode
power supplies
 Electronic lamp ballasts
based on half bridge
 UPS
产品特性
平面 MOS
低栅极电荷
低 Crss(典型值 7.0pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
 RoHS 产品
FEATURES
Planar MOS
Low gate charge
Low Crss (typical 7.0pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE
李大喆
2023-08-04
耿利红
2023-08-04


Similar Part No. - MP6N120

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP6 EMERSON-NETWORKPOWER-MP6 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
CHENG-YI ELECTRONIC CO....
MP6 CHENG-YI-MP6 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Astec America, Inc
MP6-2C-2E-4LL-00 ASTEC-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
400-1200 Watts
logo
Emerson Network Power
MP6-2C-2E-4LL-00 EMERSON-NETWORKPOWER-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
MP6-2E-2E-00 EMERSON-NETWORKPOWER-MP6-2E-2E-00 Datasheet
1Mb / 8P
Electrical Specifications
More results

Similar Description - MP6N120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com