Electronic Components Datasheet Search
  English  ▼

X  

AM79574-2JC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79574-2JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574-2JC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79574-2JC Datasheet HTML 4Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 5Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 6Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 7Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 8Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 9Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 10Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 11Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Am79574 Data Sheet
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Power Dissipation, BAT = –48 V, Normal Polarity
On-hook Open Circuit state
–1*
35
35
120
80
mW
On-hook OHT state
–1*
135
135
250
200
On-hook Active state
–1*
200
200
400
300
Off-hook OHT state
RL = 600 Ω
500
750
Off-hook Active state
RL = 600 Ω
650
1000
Supply Currents
VCC on-hook supply current
Open Circuit state
OHT state
Active state
3.0
6.0
8.0
4.5
10.0
13.0
mA
VEE on-hook supply current
Open Circuit state
OHT state
Active state
1.0
2.3
3.0
2.3
3.7
6.0
VBAT on-hook supply current
Open Circuit state
OHT state
Active state
0.4
3.2
4.5
1.0
5.5
7.0
Power Supply Rejection Ratio (VRIPPLE = 50 mVrms)
VCC
50 Hz to 3.4 kHz
–1*
25
30
45
45
dB
6, 7
3.4 kHz to 50 kHz
–1*
22
25
35
40
VEE
50 Hz to 3.4 kHz
–1*
20
25
40
40
3.4 kHz to 50 kHz
–1*
10
10
25
25
VBAT
50 Hz to 3.4 kHz
–1*
27
30
45
45
3.4 kHz to 50 kHz
–1*
20
25
40
40
Off-Hook Detector
Current threshold accuracy
IDET = 365/RD Nominal
–20
+20
%
Ground-Key Detector Thresholds, Active State, BAT = –48 V (See Test Circuit F)
Ground-key resistance threshold
B(RING) to GND
2.0
5.0
10.0
k
Ω
Ground-key current threshold
B(RING) to GND
9
mA
8
Midpoint to GND
9
Ring-Trip Detector Input
Bias current
–5
–0.05
µA
Offset voltage
Source resistance
0
Ω to 2 MΩ
–50
0
+50
mV
12
Logic Inputs (C4–C1, E0, E1, and CHCLK)
Input High voltage
2.0
V
Input Low voltage
0.8
Input High current
All inputs except E1
–75
40
µA
Input High current
Input E1
–75
45
Input Low current
–0.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com