Electronic Components Datasheet Search
  English  ▼

X  

MS65R040 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MS65R040
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MS65R040 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MS65R040 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R040 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R
MS65R040
版本:202304A
3/8
电特性 ELECTRICAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
关态特性 Off
–Characteristics
漏-源击穿电压
Drain-Source Voltage
BVDSS
ID=250μA, VGS=0V
650
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBV
DSS/Δ
TJ
ID=250μA,
referenced
to
25℃
-
0.65
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
IDSS
VDS=650V,VGS=0V,
TC=25℃
-
-
1
μA
VDS=650V, TC=125℃
-
-
100
μA
正向栅极体漏电流
Gate-body leakage current,
forward
IGSSF
VDS=0V, VGS =30V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current,
reverse
IGSSR
VDS=0V, VGS =-30V
-
-
-100
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID=250μA
2.5
-
4.5
V
静态导通电阻
Static Drain-Source
On-Resistance
RDS(ON)
VGS =10V , ID=40A
-
34
40
m
Ω
正向跨导
Forward Transconductance
gfs
VDS = 40V, ID=40A(note 4) -
58.3
-
S
动态特性 Dynamic Characteristics
输入电容
Input capacitance
Ciss
VDS=50V,
VGS =0V,
f=1.0MHZ
-
7979
-
pF
输出电容
Output capacitance
Coss
-
342
-
pF
反向传输电容
Reverse transfer capacitance
Crss
-
2
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com