Electronic Components Datasheet Search
  English  ▼

X  

TDA8768 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8768
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8768 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8768 Datasheet HTML 1Page - NXP Semiconductors TDA8768 Datasheet HTML 2Page - NXP Semiconductors TDA8768 Datasheet HTML 3Page - NXP Semiconductors TDA8768 Datasheet HTML 4Page - NXP Semiconductors TDA8768 Datasheet HTML 5Page - NXP Semiconductors TDA8768 Datasheet HTML 6Page - NXP Semiconductors TDA8768 Datasheet HTML 7Page - NXP Semiconductors TDA8768 Datasheet HTML 8Page - NXP Semiconductors TDA8768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Aug 26
4
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8768
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
VCCA1
2
analog supply voltage 1 (+5 V)
VCCA3
3
analog supply voltage 3 (+5 V)
AGND3
4
analog ground 3
n.c.
5
not connected
n.c.
6
not connected
n.c.
7
not connected
n.c.
8
not connected
VCCA2
9
analog supply voltage 2 (+5 V)
AGND2
10
analog ground 2
Vref
11
reference voltage input
n.c.
12
not connected
n.c.
13
not connected
n.c.
14
not connected
VCCD2
15
digital supply voltage 2 (+5 V)
n.c.
16
not connected
DGND2
17
digital ground 2
OTC
18
control input twos complement
output; active HIGH
CE
19
chip enable input
(CMOS level; active LOW)
IR
20
in-range output
D11
21
data output; bit 11 (MSB)
D10
22
data output; bit 10
D9
23
data output; bit 9
D8
24
data output; bit 8
D7
25
data output; bit 7
D6
26
data output; bit 6
D5
27
data output; bit 5
D4
28
data output; bit 4
D3
29
data output; bit 3
D2
30
data output; bit 2
D1
31
data output; bit 1
D0
32
data output; bit 0 (LSB)
VCCO
33
output supply voltage (3 to 5.25 V)
OGND
34
output ground
CLK
35
complementary clock input; active
LOW
CLK
36
clock input
VCCD1
37
digital supply voltage 1 (+5 V)
DGND1
38
digital ground 1
SH
39
sample-and-hold enable input
(CMOS level; active HIGH)
AGND4
40
analog ground 4
VCCA4
41
analog supply voltage 4 (+5 V)
VI
42
positive analog input voltage
VI
43
negative analog input voltage
AGND1
44
analog ground 1
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com