Electronic Components Datasheet Search
  English  ▼

X  

DS2155G Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155G Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2155G Datasheet HTML 5Page - Dallas Semiconductor DS2155G Datasheet HTML 6Page - Dallas Semiconductor DS2155G Datasheet HTML 7Page - Dallas Semiconductor DS2155G Datasheet HTML 8Page - Dallas Semiconductor DS2155G Datasheet HTML 9Page - Dallas Semiconductor DS2155G Datasheet HTML 10Page - Dallas Semiconductor DS2155G Datasheet HTML 11Page - Dallas Semiconductor DS2155G Datasheet HTML 12Page - Dallas Semiconductor DS2155G Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 238 page
background image
DS2155
9 of 238
REVISION
DESCRIPTION
The definition of the EGL bit in the LIC1 register has been corrected for both T1 and E1
mode.
T1 Mode: EGL = 1 was changed from 15dB to –15dB
E1 Mode: EGL = 0 was changed from –10dB to –12dB
THE FOLLOWING ARE FORMAT CHANGES AND ADDED OR REMOVED
TEXT, TABLES OR DIAGRAMS:
Replace X* format for showing active low signals with
X
Remove redundant statements about “multiport configurations” in Interrupt Handling
section
Remove BASIC NETWORK CONNECTIONS figure in LINE INTERFACE UNIT
section
Add “Simplified Diagram of BERT in Network Direction” figure to BERT section
Add “Simplified Diagram of BERT in Backplane Direction” figure to BERT section
Add Receive Signaling Registers (E1 Mode, CCS Format) table to Receive Signaling
section
Add GRIC and GTIC function table to IAAR register
Changed Table of contents to include table of figures and table of tables.
Add note for FASRC bit.
Add T1 and E1 Transmit Flow Chart.
Added RCLK to BPCLK timing diagram.
THE FOLLOWING ARE NEW FEATURES AVAILABLE ON THE DS2155 REV
B1 AND ARE EXPLAINED IN THE BODY OF THE DATA SHEET
Add FRAS0, TCCS, RCCS and GRSRE bits to Signaling Control Register (SIGCR)
Add section on AIS-CI and RAI-CI Generation and Detection
Add RAIS-CI status bit to Status Register 4 (SR4) and Interrupt Mask Register 4 (IMR4)
Add RAIS-CI status bit to Status Register 4 (SR4)
Add TRAI-CI control bit to T1 Common Control Register 1 (TCCR1)
Add TAIS-CI control bit to T1 Common Control Register 1 (TCCR1)
Add Pseudorandom 2E9-1 pattern to PS0, PS1 and PS2 bit description in Bert Control
Register 1 (BCR1)
Add BD bit to Information Register 2 (INFO2)
Add ILUT status bit to Status Register 1 (SR1) and Interrupt Mask Register 1 (IMR1)
Add INTDIS and TMSS bits to Common Control Register 3 (CCR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com