Electronic Components Datasheet Search
  English  ▼

X  

TDA8767H/1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8767H/1
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/1 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8767H/1 Datasheet HTML 1Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 2Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 3Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 4Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 5Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 6Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 7Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 8Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Feb 16
2
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
FEATURES
• 12-bit resolution
• Sampling rate up to 30 MHz
•−3 dB bandwidth of 18 MHz
• No missing codes guaranteed
• 5 V power supplies
• Binary or two’s complement CMOS outputs
• In-range CMOS output
• TTL/CMOS compatible static digital inputs
• 3 to 5 V CMOS digital outputs
• TTL compatible clock input
• Power dissipation 335 mW (typ.)
• Low analog input capacitance (typ. 2 pF), no buffer
amplifier required
• No external sample-and-hold circuit required
• Differential or single analog Input
• External amplitude range control
• Voltage controlled regulator included.
APPLICATIONS
• High-speed analog-to-digital conversion for:
– Video signal digitizing
– High Definition TV (HDTV)
– Imaging (camera, scanner)
– Medical imaging
– Telecommunication
– Base-station receiver.
GENERAL DESCRIPTION
The TDA8767 is a bipolar 12-bit Analog-to-Digital
Converter (ADC) for imaging or other applications.
It converts the analog input signal into 12-bit binary coded
digital words at a maximum sampling rate of 30 MHz.
All digital inputs and outputs are CMOS compatible.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
−
40
tbf
mA
ICCD
digital supply current
−
22
tbf
mA
ICCO
output supply current
fclk = 4 MHz; fi = 400 kHz
−
3.2
tbf
mA
ILE
integral non-linearity
fclk = 4 MHz; fi = 400 kHz
−±3.0
±4.0
LSB
DLE
differential non-linearity
fclk = 4 MHz; fi = 400 kHz;
no missing codes
−±0.6
±1
LSB
fclk(max)
maximum clock frequency
TDA8767H/1
10
−−
MHz
TDA8767H/2
20
−−
MHz
TDA8767H/3
30
−−
MHz
Ptot
total power dissipation
−
335
−
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com