Electronic Components Datasheet Search
  English  ▼

X  

DS2502P/T Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2502P/T
Description  1 kbit Add-Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502P/T Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2502P/T Datasheet HTML 14Page - Dallas Semiconductor DS2502P/T Datasheet HTML 15Page - Dallas Semiconductor DS2502P/T Datasheet HTML 16Page - Dallas Semiconductor DS2502P/T Datasheet HTML 17Page - Dallas Semiconductor DS2502P/T Datasheet HTML 18Page - Dallas Semiconductor DS2502P/T Datasheet HTML 19Page - Dallas Semiconductor DS2502P/T Datasheet HTML 20Page - Dallas Semiconductor DS2502P/T Datasheet HTML 21Page - Dallas Semiconductor DS2502P/T Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DS2502
22 of 22
NOTES:
1. All voltages are referenced to ground.
2. VPUP = external pullup voltage.
3. Input load is to ground.
4. An additional reset or communication sequence cannot begin until the reset high time has expired.
5. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
μs of this falling edge and will remain valid for 14 µs minimum. (15
µs total from falling edge on 1-Wire bus.)
6. VIH is a function of the external pullup resistor and the pull-up voltage.
7. 30 nanocoulombs per 72 time slots @ 5.0V.
8. At VCC=5.0V with a 5 kΩ pullup to VCC and a maximum time slot of 120 µs.
9. Capacitance on the data pin could be 800 pF when power is first applied. If a 5 k
Ω resistor is used to
pullup the data line to VCC, 5 µs after power has been applied the parasite capacitance will not affect
normal communications.
10. Maximum 1-Wire voltage for programming parameters is 11.5V to 12.0V; temperature range is -40°C
to +50°C.
11. Under certain low-voltage conditions VILMAX may have to be reduced to as much as 0.5V to always
guarantee a presence pulse.
12. The accumulative duration of the programming pulses for each address must not exceed 5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com