Electronic Components Datasheet Search
  English  ▼

X  

TDA8775 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8775
Description  Triple 10-bit video Digital-to-Analog Converter DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8775 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8775 Datasheet HTML 1Page - NXP Semiconductors TDA8775 Datasheet HTML 2Page - NXP Semiconductors TDA8775 Datasheet HTML 3Page - NXP Semiconductors TDA8775 Datasheet HTML 4Page - NXP Semiconductors TDA8775 Datasheet HTML 5Page - NXP Semiconductors TDA8775 Datasheet HTML 6Page - NXP Semiconductors TDA8775 Datasheet HTML 7Page - NXP Semiconductors TDA8775 Datasheet HTML 8Page - NXP Semiconductors TDA8775 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Aug 14
2
Philips Semiconductors
Preliminary specification
Triple 10-bit video Digital-to-Analog
Converter (DAC)
TDA8775
FEATURES
• 10-bit resolution
• Sampling rate up to:
– 50 MHz for normal mode; RL = 37.5 Ω
– 35 MHz for LOW power mode; RL = 150 Ω
• Internal current reference
• Current reference selector for:
– normal mode, RL = 37.5 Ω (typ.)
– low-power mode, RL = 150 Ω (typ.)
• No deglitching circuit required
• SYNC and BLANK control inputs
• 0.66 V output voltage range on red and blue channels
• 1 V output voltage range on green channel
(including sync)
• BLANK control input on the 3 channels
• + 5 V power supply.
APPLICATIONS
• General purpose high-speed digital-to-analog
conversion
• Digital TV
• Graphic display
• Desktop video processing.
GENERAL DESCRIPTION
The TDA8775 consists of three 10-bit video
Digital-to-Analog Converters (DACs). They convert the
digital input signals into current outputs at a maximum
conversion rate of 50 MHz.
The DACs are based on current source architecture with
selectable current reference.
The devices are fabricated in a 5 V CMOS process that
ensures high functionality with low power dissipation.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDA
analog supply current
SLT = 1; RL = 37.5 Ω−
67
tbf
mA
SLT = 0; RL = 150 Ω−
16
tbf
mA
IDDD
digital supply current
SLT = 1; RL = 37.5 Ω−
15
tbf
mA
SLT = 0; RL = 150 Ω−
10
tbf
mA
INL
DC integral non-linearity
−±1
±2
LSB
DNL
DC differential non-linearity
−±0.7
±1.0
LSB
fclk(max)
maximum clock frequency
SLT = 1; RL = 37.5 Ω
50
−−
MHz
SLT = 0; RL = 150 Ω
35
−−
MHz
Ptot
total power dissipation
SLT = 1; RL = 37.5 Ω;
fclk =50MHz
−
410
tbf
mW
SLT = 0; RL = 150 Ω;
fclk =35MHz
−
130
tbf
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8775G
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com