Electronic Components Datasheet Search
  English  ▼

X  

187582 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 187582
Description  X/Y adjusting unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

187582 Datasheet(HTML) 1 Page - Festo Corporation.

  187582 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X/Y adjusting unit
HMXY-1
Part number: 187582
General operating condition
Data sheet
Feature
Value
Size
1
Mounting position
Any
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
9/22/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 187582

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1875823 PHOENIX-1875823 Datasheet
78Kb / 4P
Printed-circuit board connector - IC 2,5/ 2-ST-5,08 BD:,-
More results

Similar Description - 187582

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PMR-8088 BUD-PMR-8088 Datasheet
31Kb / 1P
ADJUSTING PANEL MOUNTING RAIL
AB-8089 BUD-AB-8089 Datasheet
27Kb / 1P
ADJUSTING BRACKET SET
logo
List of Unclassifed Man...
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
Self-Adjusting EM Brake
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
Self-Adjusting EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
Self-Adjusting EM Clutch/Brake Unit
logo
Advanced Crystal Techno...
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
Self-Adjusting Wire Strippers
9??7??8
logo
PHOENIX CONTACT
2316148 PHOENIX-2316148 Datasheet
215Kb / 7P
Power supply unit - FB-PS-MB-Y/EX
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com