Electronic Components Datasheet Search
  English  ▼

X  

539362 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 539362
Description  Connecting plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

539362 Datasheet(HTML) 1 Page - Festo Corporation.

  539362 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connecting plate
HMVO-RF25
Part number: 539362
General operating condition
Data sheet
Feature
Value
Mounting position
Any
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Product weight
30 g
Adapter material
Wrought aluminum alloy
Anodized
9/22/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 539362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53936-1476 MOLEX-53936-1476 Datasheet
171Kb / 2P
0.635 B/B S/T PLUG HSG ASSY - LEAD FREE -
REV. B 2009/01/08
logo
Festo Corporation.
539363 FESTO-539363 Datasheet
67Kb / 1P
Installation kit
539364 FESTO-539364 Datasheet
73Kb / 1P
Installation kit
539365 FESTO-539365 Datasheet
85Kb / 1P
Installation kit
539366 FESTO-539366 Datasheet
90Kb / 1P
Installation kit
More results

Similar Description - 539362

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOL-0803-W02MCS02 SICK-DOL-0803-W02MCS02 Datasheet
279Kb / 4P
Connecting cables
DOL-0804-G10MCS01 SICK-DOL-0804-G10MCS01 Datasheet
284Kb / 4P
Connecting cables
logo
Schurter Inc.
CONNECTINGTERMINALPSE SCHURTER-CONNECTINGTERMINALPSE_V02 Datasheet
178Kb / 2P
Connecting Terminal
04.01.2022
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com