| Electronic Components Datasheet Search |
|
93AA86AT-E/MC Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA86AT-E/MC Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 38 page ![]() © 2007 Microchip Technology Inc. DS21929D-page 21 93XX46X/56X/66X/76X/86X 8-Lead SOIC XXXXYYWW XXXXXXXT NNN Example: Pb-free SN 0528 93LC46AI 1L7 3-Wire 8-Lead SOIC (SN) Package Marking Part Line 1 Marking Part Line 1 Marking Part Line 1 Marking 93AA46A 93AA46AT 93LC46A 93LC46AT 93C46A 93C46AT 93AA46B 93AA46BT 93LC46B 93LC46BT 93C46B 93C46BT 93AA46C 93AA46CT 93LC46C 93LC46CT 93C46C 93C46CT 93AA56A 93AA56AT 93LC56A 93LC56AT 93C56A 93C56AT 93AA56B 93AA56BT 93LC56B 93LC56BT 93C56B 93C56BT 93AA56C 93AA56CT 93LC56C 93LC56CT 93C56C 93C56CT 93AA66A 93AA66AT 93LC66A 93LC66AT 93C66A 93C66AT 93AA66B 93AA66BT 93LC66B 93LC66BT 93C66B 93C66BT 93AA66C 93AA66CT 93LC66C 93LC66CT 93C66C 93C66CT 93AA76A 93AA76AT 93LC76A 93LC76AT 93C76A 93C76AT 93AA76B 93AA76BT 93LC76B 93LC76BT 93C76B 93C76BT 93AA76C 93AA76CT 93LC76C 93LC76CT 93C76C 93C76CT 93AA86A 93AA86AT 93LC86A 93LC86AT 93C86A 93C86AT 93AA86B 93AA86BT 93LC86B 93LC86BT 93C86B 93C86BT 93AA86C 93AA86CT 93LC86C 93LC86CT 93C86C 93C86CT Note: T = Temperature Range: I = Industrial, E = Extended 3 e Legend: XX...X Part number or part number code T Temperature (I, E) Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |