Electronic Components Datasheet Search
  English  ▼

X  

TDA8775G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8775G
Description  Triple 10-bit video Digital-to-Analog Converter DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8775G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8775G Datasheet HTML 4Page - NXP Semiconductors TDA8775G Datasheet HTML 5Page - NXP Semiconductors TDA8775G Datasheet HTML 6Page - NXP Semiconductors TDA8775G Datasheet HTML 7Page - NXP Semiconductors TDA8775G Datasheet HTML 8Page - NXP Semiconductors TDA8775G Datasheet HTML 9Page - NXP Semiconductors TDA8775G Datasheet HTML 10Page - NXP Semiconductors TDA8775G Datasheet HTML 11Page - NXP Semiconductors TDA8775G Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Aug 14
8
Philips Semiconductors
Preliminary specification
Triple 10-bit video Digital-to-Analog
Converter (DAC)
TDA8775
Table 1
Input coding and DAC output currents (typical values)
BINARY INPUT
DAC OUTPUT CURRENT
(mA)
DAC OUTPUT CURRENT
(mA)
SLT = 1; RL = 37.5 Ω
SLT = 0; RL = 150 Ω
SYNC
BLANK
DATA
CODE
R, B
Channels
G Channel
R, B
Channels
G Channel
0
0
XXH
−
0000
1
0
XXH
−
0
7.62
0
1.90
0
1
00H
0
1.44
1.44
0.36
0.36
−−−−−−
3FFH
1023
19.05
19.05
4.76
4.76
1
1
00H
0
1.44
9.05
0.36
2.26
−−−−−−
3FFH
1023
19.05
26.67
4.76
6.67
handbook, full pagewidth
BLANK
MGD630
1 V
660 mV
330 mV
SYNC
PERIOD
GREY
SCALE
SET-UP
LEVEL
VIDEO PICTURE DATA
BLANKING LEVEL
REFERENCE
BLACK
REFERENCE
WHITE
SYNC (1)
SYNC LEVEL (1)
100 IRE
UNITS
40 IRE UNITS
Fig.3 Video signal diagram.
(1) Sync only on green channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com