Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5045EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD5045EBZ
Description  Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5045EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD5045EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5045EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
1
2
3
4
5
6
AD5025/45/65
Preliminary Technical Data
Parameter
Min
B Grade1
Typ
Max
Unit
Conditions/Comments
Input Low Voltage, VINL
Input High Voltage, VINH
Pin Capacitance
2
0.8
4
V
V
pF
VDD = 5 V
VDD = 5 V
LOGIC OUTPUTS (SDO)3
Output Low Voltage, VOL
Output High Voltage, VOH
High Impedance Leakage
Current
High Impedance Output
Capacitance
VDD −
1
0.4
±0.25
2
V
μA
pF
ISINK = 2 mA
ISOURCE = 2 mA
POWER REQUIREMENTS
VDD
IDD (Normal Mode)5
VDD = 4.5 V to 5.5 V
IDD (All Power-Down Modes)6
VDD = 4.5 V to 5.5 V
2.7
5.5
3.2
4
0.4
1
V
mA
μA
All digital inputs at 0 or VDD
DAC active, excludes load current
VIH = VDD and VIL = GND
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at 25°C.
Linearity calculated using a reduced code range of 512 to 65,024. Output unloaded.
Guaranteed by design and characterization; not production tested.
Total current flowing into all pins.
. Interface inactive. All DACs active. DAC outputs unloaded
. All four DACs powered down
Rev. PrB | Page 4 of 3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com