Electronic Components Datasheet Search
  English  ▼

X  

GDBAS70 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GDBAS70
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GDBAS70 Datasheet(HTML) 1 Page - GTM CORPORATION

  GDBAS70 Datasheet HTML 1Page - GTM CORPORATION GDBAS70 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GDBAS70
Page: 1/2
ISSUED DATE :2005/12/29
REVISED DATE :
G
G D
D B
B A
AS
S 7700
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E
V O L T A G E 7 0 V, C U R R E N T 7 0 m A
Description
The GDBAS70 is designed for high speed switching applications, circuit protection and voltage clamping.
Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand
held and portable applications where space is limited.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Operating Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-65 ~ +125
:
Maximum Repetitive Peak Reverse Voltage
VRRM
70
V
Maximum Average Forward Rectified Current
Io
70
mA
Non- Repetitive Peak Forward Surge Current @ tp 1.0s
IFSM
100
mA
Thermal Resistance Junction to Ambient Air
R JA
445
: /W
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
70
-
-
V
IR=10 A
-
-
410
IF1=1mA
-
-
750
IF1=10mA
Forward Voltage
VF
-
-
1000
mV
IF2=15mA
-
100
nA
VR1=50V
Reverse Leakage Current
IR
-
10
uA
VR2=70V
Total Capacitance
CT
-
-
2.0
pF
VR=0V, f=1MHz
Reverse Recover Time
Trr
-
-
5.0
ns
IF=IR=10mA, RL=100 , Irr=1mA


Similar Part No. - GDBAS70

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GDBAS70 ETL-GDBAS70 Datasheet
133Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results

Similar Description - GDBAS70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com