Electronic Components Datasheet Search
  English  ▼

X  

GE7809 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GE7809
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GE7809 Datasheet(HTML) 1 Page - GTM CORPORATION

  GE7809 Datasheet HTML 1Page - GTM CORPORATION GE7809 Datasheet HTML 2Page - GTM CORPORATION GE7809 Datasheet HTML 3Page - GTM CORPORATION GE7809 Datasheet HTML 4Page - GTM CORPORATION GE7809 Datasheet HTML 5Page - GTM CORPORATION GE7809 Datasheet HTML 6Page - GTM CORPORATION GE7809 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GE78XX
Page: 1/7
ISSUED DATE :2005/06/02
REVISED DATE :2005/12/06B
G
G E
E 7788X
X X
X
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
The GE78XX series of fixed-voltage monolithic integrated-circuit voltage regulators designed for a wide range
of applications. These applications include on-card regulation for elimination of noise and distribution problems
associated with single-point regulation. Each of these regulators can deliver up to 1 amperes of output current.
The internal current limiting and thermal shutdown features of these regulators make them essentially immune
to overload.
Features
&5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V output voltage available
&Internal Thermal Overload Protection
&High Power Dissipation Capability
&Internal Short-Circuit Current Limiting
&No External Components
&Output Transistor Safe-Area Compensation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.00
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
E
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80
Absolute Maximum Ratings
Parameter
Ratings
Unit
GE7805 ~ 18
35V
V
I
nput voltage
GE7824
40V
V
Output current
1
A
Operating junction temperature range
0 ~ 150
:
Storage temperature range
-55 ~ 150
:
Thermal resistance junction-air (R JA)
65
: /W
Thermal resistance junction-cases (R JC)
5
: /W


Similar Part No. - GE7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GE7809 ETC2-GE7809 Datasheet
139Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GE7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
3-Terminal Positive Voltage Regulators
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com